Electronic Components Datasheet Search
  English  ▼

X  

ADF4156 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4156
Description  6 GHz Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4156 Datasheet HTML 10Page - Analog Devices ADF4156 Datasheet HTML 11Page - Analog Devices ADF4156 Datasheet HTML 12Page - Analog Devices ADF4156 Datasheet HTML 13Page - Analog Devices ADF4156 Datasheet HTML 14Page - Analog Devices ADF4156 Datasheet HTML 15Page - Analog Devices ADF4156 Datasheet HTML 16Page - Analog Devices ADF4156 Datasheet HTML 17Page - Analog Devices ADF4156 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADF4156
Rev. 0 | Page 14 of 24
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
L2
L1
C1
CPI4 CPI3 CPI2 CPI1
0
P1
U2
U1
R5
R4
R3
R2
R1
M12 M11
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1 C3(0) C2(1) C1(0)
NOISE
MODE
CURRENT
SETTING
5-BIT R COUNTER
CONTROL
BITS
12-BIT MODULUS WORD
C1
CYCLE SLIP
REDUCTION
0DISABLED
1
ENABLED
L1
L2
NOISE MODE
00
LOW NOISE MODE
0
1
RESERVED
1
0
RESERVED
11
LOW SPUR MODE
U1
REFERENCE
DOUBLER
0DISABLED
1
ENABLED
U2
R DIVIDER
0DISABLED
1
ENABLED
P1
PRESCALER
04/5
18/9
CPI4
CPI3
CPI2
CPI1
ICP (mA)
5.1kΩ
0
0
000.31
0
0
010.63
0
0
100.94
0
0
111.25
0
1
001.57
0
1
011.88
0
1
102.19
0
1
112.5
1
0
002.81
1
0
013.13
1
0
103.44
1
0
113.75
1
1
004.06
1
1
014.38
1
1
104.69
1
1
115.0
M12
M11
..........
M2
M1
INTERPOLATOR MODULUS (MOD)
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
..........
1
1
4095
R5
R4
R3
R2
R1
R COUNTER DIVIDE RATIO
00
0
01
1
00
0
10
2
00
0
11
3
00
1
00
4
..
.
..
..
.
..
..
.
..
11
1
01
29
11
1
1.
30
11
1
11
31
00
0
00
32
Figure 19. MOD/R Register (R2) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com