Electronic Components Datasheet Search
  English  ▼

X  

AD7675 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7675
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7675 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7675 Datasheet HTML 12Page - Analog Devices AD7675 Datasheet HTML 13Page - Analog Devices AD7675 Datasheet HTML 14Page - Analog Devices AD7675 Datasheet HTML 15Page - Analog Devices AD7675 Datasheet HTML 16Page - Analog Devices AD7675 Datasheet HTML 17Page - Analog Devices AD7675 Datasheet HTML 18Page - Analog Devices AD7675 Datasheet HTML 19Page - Analog Devices AD7675 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7612
Rev. 0 | Page 16 of 32
TERMINOLOGY
Least Significant Bit (LSB)
The least significant bit, or LSB, is the smallest increment that
can be represented by a converter. For an analog-to-digital con-
verter with N bits of resolution, the LSB expressed in volts is
N
INp-p
V
V
LSB
2
)
(
=
Integral Nonlinearity Error (INL)
Linearity error refers to the deviation of each individual code
from a line drawn from negative full-scale through positive full-
scale. The point used as negative full-scale occurs a ½ LSB before
the first code transition. Positive full-scale is defined as a level
1½ LSBs beyond the last code transition. The deviation is meas-
ured from the middle of each code to the true straight line.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. Differential
nonlinearity is the maximum deviation from this ideal value. It
is often specified in terms of resolution for which no missing
codes are guaranteed.
Bipolar Zero Error
The difference between the ideal midscale input voltage (0 V)
and the actual voltage producing the midscale output code.
Unipolar Offset Error
The first transition should occur at a level ½ LSB above analog
ground. The unipolar offset error is the deviation of the actual
transition from that point.
Full-Scale Error
The last transition (from 111…10 to 111…11) should occur for
an analog voltage 1½ LSB below the nominal full-scale. The full-
scale error is the deviation in LSB (or % of full-scale range) of
the actual level of the last transition from the ideal level and
includes the effect of the offset error. Closely related is the gain
error (also in LSB or % of full-scale range), which does not
include the effects of the offset error.
Dynamic Range
Dynamic range is the ratio of the rms value of the full-scale to
the rms noise measured for an input typically at −60 dB. The
value for dynamic range is expressed in decibels.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and
is expressed in decibels.
Signal-to-(Noise + Distortion) Ratio (SINAD)
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
The difference, in decibels (dB), between the rms amplitude of
the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input. It is related to SINAD and is expressed in bits by
ENOB = [(SINADdB − 1.76)/6.02]
Aperture Delay
Aperture delay is a measure of the acquisition performance
measured from the falling edge of the CNVST input to when
the input signal is held for a conversion.
Transient Response
The time required for the AD7612 to achieve its rated accuracy
after a full-scale step function is applied to its input.
Reference Voltage Temperature Coefficient
Reference voltage temperature coefficient is derived from the
typical shift of output voltage at 25°C on a sample of parts at the
maximum and minimum reference output voltage (VREF) meas-
ured at TMIN, T(25°C), and TMAX. It is expressed in ppm/°C as
6
10
C
25
(
(
C
ppm/
×
×
°
=
°
)
T
–
T
(
)
(
V
)
Min
V
–
)
Max
V
)
(
TCV
MIN
MAX
REF
REF
REF
REF
where:
VREF (Max) = maximum VREF at TMIN, T(25°C), or TMAX.
VREF (Min) = minimum VREF at TMIN, T(25°C), or TMAX.
VREF (25°C) = VREF at 25°C.
TMAX = +85°C.
TMIN = –40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com