Electronic Components Datasheet Search
  English  ▼

X  

AD7675 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7675
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7675 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7675 Datasheet HTML 21Page - Analog Devices AD7675 Datasheet HTML 22Page - Analog Devices AD7675 Datasheet HTML 23Page - Analog Devices AD7675 Datasheet HTML 24Page - Analog Devices AD7675 Datasheet HTML 25Page - Analog Devices AD7675 Datasheet HTML 26Page - Analog Devices AD7675 Datasheet HTML 27Page - Analog Devices AD7675 Datasheet HTML 28Page - Analog Devices AD7675 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD7612
Rev. 0 | Page 25 of 32
8-Bit Interface (Master or Slave)
The BYTESWAP pin allows a glueless interface to an 8-bit bus.
As shown in Figure 38, when BYTESWAP is low, the LSB byte is
output on D[7:0] and the MSB is output on D[15:8]. When
BYTESWAP is high, the LSB and MSB bytes are swapped; the
LSB is output on D[15:8] and the MSB is output on D[7:0]. By
connecting BYTESWAP to an address line, the 16-bit data can
be read in two bytes on either D[15:8] or D[7:0]. This interface
can be used in both master and slave parallel reading modes.
CS
RD
BYTESWAP
PINS D[15:8]
PINS D[7:0]
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
LOW BYTE
HIGH BYTE
HI-Z
HI-Z
t12
t12
t13
Figure 38. 8-Bit and 16-Bit Parallel Interface
SERIAL INTERFACE
The AD7612 has a serial interface (SPI-compatible) multiplexed
on the data pins D[15:2]. The AD7612 is configured to use the
serial interface when SER/PAR is held high.
Data Interface
The AD7612 outputs 16 bits of data, MSB first, on the SDOUT
pin. This data is synchronized with the 16 clock pulses provided
on the SDCLK pin. The output data is valid on both the rising
and falling edge of the data clock.
Serial Configuration Interface
The AD7612 can be configured through the serial configuration
register only in serial mode as the serial configuration pins are
also multiplexed on the data pins D[15:12]. Refer to the Hardware
Configuration section and Software Configuration section for
more information.
MASTER SERIAL INTERFACE
The pins multiplexed on D[10:2] and used for master serial inter-
face are DIVSCLK[0], DIVSCLK[1], EXT/INT, INVSYNC,
INVSCLK, RDC, SDOUT, SDCLK and SYNC.
Internal Clock (SER/PAR = high, EXT/INT = Low)
The AD7612 is configured to generate and provide the serial
data clock, SDCLK, when the EXT/INT pin is held low. The
AD7612 also generates a SYNC signal to indicate to the host
when the serial data is valid. The SDCLK, and the SYNC sig-
nals can be inverted, if desired using the INVSCLK and INVSYNC
inputs, respectively. Depending on the input, RDC, the data can
be read during the following conversion or after each conver-
sion. Figure 39 and Figure 40 show detailed timing diagrams of
these two modes.
Read During Convert (RDC = High)
Setting RDC = high allows the master read (previous conversion
result) during conversion mode. Usually, because the AD7612 is
used with a fast throughput, this mode is the most recommended
serial mode. In this mode, the serial clock and data toggle at appro-
priate instances, minimizing potential feed through between digital
activity and critical conversion decisions. In this mode, the SDCLK
period changes since the LSBs require more time to settle and
the SDCLK is derived from the SAR conversion cycle. In this
mode, the AD7612 generates a discontinuous SDCLK of two
different periods and the host should use an SPI interface.
Read During Convert (RDC = Low, DIVSCLK[1:0] = [0 to 3])
Setting RDC = low allows the read after conversion mode. Unlike
the other serial modes, the BUSY signal returns low after the 16
data bits are pulsed out and not at the end of the conversion phase,
resulting in a longer BUSY width (refer to Table 4 for BUSY timing
specifications). The DIVSCLK[1:0] inputs control the SDCLK
period and SDOUT data rate. As a result, the maximum through-
put cannot be achieved in this mode. In this mode, the AD7612
also generates a discontinuous SDCLK however, a fixed period and
hosts supporting both SPI and serial ports can also be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com