Electronic Components Datasheet Search
  English  ▼

X  

AD7675 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7675
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7675 Datasheet(HTML) 3 Page - Analog Devices

  AD7675 Datasheet HTML 1Page - Analog Devices AD7675 Datasheet HTML 2Page - Analog Devices AD7675 Datasheet HTML 3Page - Analog Devices AD7675 Datasheet HTML 4Page - Analog Devices AD7675 Datasheet HTML 5Page - Analog Devices AD7675 Datasheet HTML 6Page - Analog Devices AD7675 Datasheet HTML 7Page - Analog Devices AD7675 Datasheet HTML 8Page - Analog Devices AD7675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7612
Rev. 0 | Page 3 of 32
SPECIFICATIONS
AVDD = DVDD = 5 V; OVDD = 2.7 V to 5.5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range, VIN
VIN+ − VIN− = 0 V to 5 V
−0.1
+5.1
V
VIN+ − VIN− = 0V to 10 V
−0.1
+10.1
V
VIN+ − VIN− = ±5 V
−5.1
+5.1
V
VIN+ − VIN− = ±10 V
−10.1
+10.1
V
VIN− to AGND
−0.1
+0.1
V
Analog Input CMRR
fIN = 100 kHz
75
dB
Input Current
VIN = ±5 V, ±10 V @ 750 kSPS
2201
μA
Input Impedance
See
Analog Inputs section
THROUGHPUT SPEED
Complete Cycle
In warp mode
1.33
μs
Throughput Rate
In warp mode
1
7502
kSPS
Time Between Conversions
In warp mode
1
ms
Complete Cycle
In normal mode
1.67
μs
Throughput Rate
In normal mode
0
600
kSPS
Complete Cycle
In impulse mode
2
μs
Throughput Rate
In impulse mode
0
500
kSPS
DC ACCURACY
Integral Linearity Error3
−1.5
±0.75
+1.5
LSB4
No Missing Codes3
16
Bits
Differential Linearity Error3
−1
+1.5
LSB
Transition Noise
0.55
LSB
Zero Error (Unipolar or Bipolar)
−35
+35
LSB
Zero Error Temperature Drift
±1
ppm/°C
Bipolar Full-Scale Error
−50
+50
LSB
Unipolar Full-Scale Error
−70
+70
LSB
Full-Scale Error Temperature Drift
±1
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ± 5%
3
LSB
AC ACCURACY
Dynamic Range
VIN = 0 V to 5 V, fIN = 2 kHz, −60 dB
92.5
93.5
dB5
VIN = 0 V to 10 V, ±5 V, fIN = 2 kHz, −60 dB
94
dB
VIN = ±10 V, fIN = 2 kHz, −60 dB
94.5
dB
Signal-to-Noise Ratio
VIN = 0 V to 5 V, 0 V to 10 V, fIN = 2 kHz
92
93
dB
VIN = ±5 V, ±10 V, fIN = 2 kHz
94
dB
Signal-to-(Noise + Distortion) (SINAD)
VIN = ±5 V, fIN = 2 kHz
92.5
dB
VIN = 0 V to 10 V, ±5 V, fIN = 2 kHz
93
dB
VIN = ±10 V, fIN = 2 kHz
93.5
dB
Total Harmonic Distortion
fIN = 2 kHz
−107
dB
Spurious-Free Dynamic Range
fIN = 2 kHz
107
dB
–3 dB Input Bandwidth
VIN = 0 V to 5 V
45
MHz
Aperture Delay
2
ns
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
500
ns
INTERNAL REFERENCE
PDREF = PDBUF = low
Output Voltage
REF @ 25°C
4.965
5.000
5.035
V
Temperature Drift
–40°C to +85°C
±3
ppm/°C
Line Regulation
AVDD = 5 V ± 5%
±15
ppm/V
Long-Term Drift
1000 hours
50
ppm
Turn-On Settling Time
CREF = 22 μF
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com