Electronic Components Datasheet Search
  English  ▼

X  

ADF4156BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4156BCPZ
Description  6 GHz Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADF4156BCPZ Datasheet HTML 1Page - Analog Devices ADF4156BCPZ Datasheet HTML 2Page - Analog Devices ADF4156BCPZ Datasheet HTML 3Page - Analog Devices ADF4156BCPZ Datasheet HTML 4Page - Analog Devices ADF4156BCPZ Datasheet HTML 5Page - Analog Devices ADF4156BCPZ Datasheet HTML 6Page - Analog Devices ADF4156BCPZ Datasheet HTML 7Page - Analog Devices ADF4156BCPZ Datasheet HTML 8Page - Analog Devices ADF4156BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
6 GHz Fractional-N Frequency Synthesizer
ADF4156
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
RF bandwidth to 6 GHz
2.7 V to 3.3 V power supply
Separate VP allows extended tuning voltage
Programmable fractional modulus
Programmable charge pump currents
3-wire serial interface
Digital lock detect
Power-down mode
Pin compatible with
ADF4110/ADF4111/ADF4112/ADF4113/ADF4106/
ADF4153 and ADF4154 frequency synthesizers
Programmable RF output phase
Loop filter design possible with ADISimPLL
Cycle slip reduction for faster lock times
APPLICATIONS
CATV equipment
Base stations for mobile radio (WiMAX, GSM, PCS, DCS,
SuperCell 3G, CDMA, WCDMA)
Wireless handsets (GSM, PCS, DCS, CDMA, WCDMA)
Wireless LANs, PMR
Communications test equipment
GENERAL DESCRIPTION
The ADF4156 is a 6 GHz fractional-N frequency synthesizer
that implements local oscillators in the upconversion and
downconversion sections of wireless receivers and transmitters.
It consists of a low noise digital phase frequency detector
(PFD), a precision charge pump, and a programmable reference
divider. There is a sigma-delta (Σ-Δ) based fractional interpolator
to allow programmable fractional-N division. The INT, FRAC,
and MOD registers define an overall N divider (N = (INT +
(FRAC/MOD))). The RF output phase is programmable for
applications that require a particular phase relationship between
the output and the reference. The ADF4156 also features cycle
slip reduction circuitry leading to faster lock times without the
need for modifications to the loop filter.
Control of all on-chip registers is via a simple 3-wire interface.
The device operates with a power supply ranging from 2.7 V to
3.3 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
LOCK
DETECT
N COUNTER
CP
RFCP3 RFCP2
RFCP4
RFCP1
REFERENCE
DATA
LE
32-BIT
DATA
REGISTER
CLOCK
REFIN
AVDD
AGND
VDD
VDD
DGND
RDIV
SDOUT
NDIV
DGND
CPGND
DVDD VP
CE
RSET
RFINA
RFINB
OUTPUT
MUX
MUXOUT
–
+
HIGH Z
PHASE
FREQUENCY
DETECTOR
ADF4156
THIRD ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
REG
FRACTION
REG
INTEGER
REG
CURRENT
SETTING
×2
DOUBLER
5-BIT
R COUNTER
CHARGE
PUMP
CSR
/2
DIVIDER
Figure 1.


Similar Part No. - ADF4156BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
153Kb / 3P
Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4156BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
7/03-Revision 0
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com