Electronic Components Datasheet Search
  English  ▼

X  

ADF4156BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4156BCPZ
Description  6 GHz Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4156BCPZ Datasheet HTML 16Page - Analog Devices ADF4156BCPZ Datasheet HTML 17Page - Analog Devices ADF4156BCPZ Datasheet HTML 18Page - Analog Devices ADF4156BCPZ Datasheet HTML 19Page - Analog Devices ADF4156BCPZ Datasheet HTML 20Page - Analog Devices ADF4156BCPZ Datasheet HTML 21Page - Analog Devices ADF4156BCPZ Datasheet HTML 22Page - Analog Devices ADF4156BCPZ Datasheet HTML 23Page - Analog Devices ADF4156BCPZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADF4156
Rev. 0 | Page 20 of 24
INTERFACING
The ADF4156 has a simple SPI®-compatible serial interface for
writing to the device. CLK, DATA, and LE control the data
transfer. When latch enable (LE) is high, the 29 bits that have
been clocked into the input register on each rising edge of
SCLK are transferred to the appropriate latch. See Figure 2 for
the timing diagram and Table 6 for the latch truth table.
The maximum allowable serial clock rate is 20 MHz.
PCB DESIGN GUIDELINES FOR CHIP SCALE
PACKAGE
The lands on the lead frame chip scale package (CP-20-1) are
rectangular. The printed circuit board pad for these should be
0.1 mm longer than the package land length and 0.05 mm wider
than the package land width. The land should be centered on
the pad. This ensures that the solder joint size is maximized.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board should be at least
as large as this exposed pad. On the printed circuit board, there
should be a clearance of at least 0.25 mm between the thermal
pad and the inner edges of the pad pattern. This ensures that
shorting is avoided.
Thermal vias can be used on the printed circuit board thermal
pad to improve thermal performance of the package. If vias are
used, they should be incorporated in the thermal pad at 1.2 mm
pitch grid. The via diameter should be between 0.3 mm and
0.33 mm, and the via barrel should be plated with 1 ounce of
copper to plug the via. The user should connect the printed
circuit board thermal pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com