Electronic Components Datasheet Search
  English  ▼

X  

ADF4156BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4156BCPZ
Description  6 GHz Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4156BCPZ Datasheet HTML 8Page - Analog Devices ADF4156BCPZ Datasheet HTML 9Page - Analog Devices ADF4156BCPZ Datasheet HTML 10Page - Analog Devices ADF4156BCPZ Datasheet HTML 11Page - Analog Devices ADF4156BCPZ Datasheet HTML 12Page - Analog Devices ADF4156BCPZ Datasheet HTML 13Page - Analog Devices ADF4156BCPZ Datasheet HTML 14Page - Analog Devices ADF4156BCPZ Datasheet HTML 15Page - Analog Devices ADF4156BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADF4156
Rev. 0 | Page 12 of 24
PHASE REGISTER, R1
With R1[2, 1, 0] set to [0, 0, 1], the on chip PHASE register is
programmed. Figure 18 shows the input data format for
programming this register.
12-Bit PHASE Value
These twelve bits control what is loaded as the PHASE word.
The word must be less than the MOD value programmed in the
MOD/R register (R2). The word is used to program the RF
output phase from 0° to 360 o with a resolution of 360o/MOD.
See the PHASE RESYNC section for more information. In most
applications, the phase relationship between the RF signal and
the reference is not important. In such applications, the PHASE
value can be used to optimize the fractional and subfractional
spur levels. See the section, Spur Consistency and Fractional
Spur Optimization, for more information.
If neither the PHASE resync nor the spurious optimization
functions are being used, it is recommended that the PHASE
word be set to 1.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
000
0
0
0
0
RESERVED
12-BIT PHASE VALUE (PHASE)
CONTROL
BITS
0
0
0
0
0
0
0
0
P12
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
C3(0) C2(0) C1(1)
P12
P11
..........
P2
P1
PHASE VALUE (PHASE)
0
0
..........
0
0
0
0
0
..........
0
1
1 (RECOMMENDED)
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
..........
1
1
4095
Figure 18. PHASE Register (R1) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com