Electronic Components Datasheet Search
  English  ▼

X  

AD7623 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7623
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7623 Datasheet HTML 3Page - Analog Devices AD7623 Datasheet HTML 4Page - Analog Devices AD7623 Datasheet HTML 5Page - Analog Devices AD7623 Datasheet HTML 6Page - Analog Devices AD7623 Datasheet HTML 7Page - Analog Devices AD7623 Datasheet HTML 8Page - Analog Devices AD7623 Datasheet HTML 9Page - Analog Devices AD7623 Datasheet HTML 10Page - Analog Devices AD7623 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD7612
Rev. 0 | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Analog Inputs/Outputs
IN+1, IN−1 to AGND
VEE − 0.3 V to VCC + 0.3 V
REF, REFBUFIN, TEMP,
REFGND to AGND
AVDD + 0.3 V to
AGND − 0.3 V
Ground Voltage Differences
AGND, DGND, OGND
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD
−0.3 V to +7 V
AVDD to DVDD, AVDD to OVDD
±7 V
DVDD to OVDD
±7 V
VCC to AGND, DGND
–0.3 V to +16.5
VEE to GND
+0.3 V to −16.5
Digital Inputs
−0.3 V to OVDD + 0 .3 V
PDREF, PDBUF2
±20 mA
Internal Power Dissipation3
700 mW
Internal Power Dissipation4
2.5 W
Junction Temperature
125°C
Storage Temperature Range
−65°C to +125°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 See the Analog Inputs section.
2 See the Voltage Reference Input section.
3 Specification is for the device in free air: 48-Lead LFQP; θJA = 91°C/W,
θJC = 30°C/W.
4 Specification is for the device in free air: 48-Lead LFCSP; θJA = 26°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com