Electronic Components Datasheet Search
  English  ▼

X  

AD7623 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7623
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7623 Datasheet HTML 24Page - Analog Devices AD7623 Datasheet HTML 25Page - Analog Devices AD7623 Datasheet HTML 26Page - Analog Devices AD7623 Datasheet HTML 27Page - Analog Devices AD7623 Datasheet HTML 28Page - Analog Devices AD7623 Datasheet HTML 29Page - Analog Devices AD7623 Datasheet HTML 30Page - Analog Devices AD7623 Datasheet HTML 31Page - Analog Devices AD7623 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD7612
Rev. 0 | Page 29 of 32
HARDWARE CONFIGURATION
The AD7612 can be configured at any time with the dedicated
hardware pins WARP, IMPULSE, BIPOLAR, TEN, OB/2C, and
PD for parallel mode (SER/PAR = low) or serial hardware mode
(SER/ PAR = high, HW/SW = high). Programming the AD7612
for mode selection and input range configuration can be done
before or during conversion. Like the RESET input, the ADC
requires at least one acquisition time to settle as indicated in
Figure 44. See Table 6 for pin descriptions. Note that these inputs
are high impedance when using the software configuration mode.
SOFTWARE CONFIGURATION
The pins multiplexed on D[15:12] used for software configura-
tion are: HW/SW, SCIN, SCCLK, and SCCS. The AD7612 is
programmed using the dedicated write-only serial configurable
port (SCP) for conversion mode, input range selection, output
coding, and power-down using the serial configuration register.
See Table 9 for details of each bit in the configuration register.
The SCP can only be used in serial software mode selected with
SER/PAR = high and HW/SW = low since the port is multiplexed
on the parallel interface.
The SCP is accessed by asserting the port’s chip select, SCCS,
and then writing SCIN synchronized with SCCLK, which (like
SDCLK) is edge sensitive depending on the state of INVSCLK.
See Figure 45 for timing details. SCIN is clocked into the con-
figuration register MSB first. The configuration register is an
internal shift register that begins with Bit 8, the start bit. The 9th
SPPCLK edge updates the register and allows the new settings to be
used. As indicated in the timing diagram, at least one acquisition
time is required from the 9th SCCLK edge. Bits [1:0] are reserved
bits and are not written to while the SCP is being updated.
The SCP can be written to at any time, up to 40 MHz, and it is
recommended to write to while the AD7612 is not busy convert-
ing, as detailed in Figure 45. In this mode, the full 750 kSPS is not
attainable because the time required for SCP access is (t31 + 8 × 1/
SCCLK +t8) minimum. If the full throughput is required, the
SCP can be written to during conversion, however it is not
recommended to write to the SCP during the last 475 ns of con-
version (BUSY = high) or performance degradation can result.
In addition, the SCP can be accessed in both serial master and
serial slave read during and read after convert modes.
Note that at power up, the configuration register is undefined.
The RESET input clears the configuration register (sets all bits
to 0), thus placing the configuration to 0 V to 5 V input, normal
mode, and twos complemented output.
Table 9. Configuration Register Description
Bit
Name
Description
8
START
START bit. With the SCP enabled (SCCS = low),
when START is high, the first rising edge of SCCLK
(INVSCLK = low) begins to load the register with
the new configuration.
7
BIPOLAR
Input Range Select. Used in conjunction with
Bit 6, TEN, per the following:
Input Range
BIPOLAR
TEN
0 V to 5 V
Low
Low
0 V to 10 V
Low
High
±5 V
High
Low
±10 V
Low
High
6
TEN
Input Range Select. See Bit 7, BIPOLAR.
5
PD
Power Down.
PD = Low, normal operation.
PD = High, power down the ADC. The SCP is accessi-
ble while in power down. To power up the ADC,
write PD = low on the next configuration setting.
4
IMPULSE
Mode Select. Used in conjunction with Bit 3,
WARP per the following:
Mode
WARP
IMPULSE
Normal
Low
Low
Impulse
Low
High
Warp
High
Low
Normal
High
High
3
WARP
Mode Select. See Bit 4, IMPULSE.
2
OB/2C
Output Coding
OB/2C = Low, use twos complement output.
OB/2C = High, use straight binary output.
1
RSV
Reserved.
0
RSV
Reserved.
WARP,
IMPULSE
BUSY
HW/SW = 0
CNVST
BIPOLAR,
TEN
t8
SER/PAR = 0, 1
PD = 0
t8
Figure 44. Hardware Configuration Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com