Electronic Components Datasheet Search
  English  ▼

X  

AD7623 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7623
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7623 Datasheet HTML 15Page - Analog Devices AD7623 Datasheet HTML 16Page - Analog Devices AD7623 Datasheet HTML 17Page - Analog Devices AD7623 Datasheet HTML 18Page - Analog Devices AD7623 Datasheet HTML 19Page - Analog Devices AD7623 Datasheet HTML 20Page - Analog Devices AD7623 Datasheet HTML 21Page - Analog Devices AD7623 Datasheet HTML 22Page - Analog Devices AD7623 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD7612
Rev. 0 | Page 19 of 32
TYPICAL CONNECTION DIAGRAM
Figure 27 shows a typical connection diagram for the AD7612 using the internal reference, serial data interface, and serial configuration
port. Different circuitry from that shown in Figure 27 is optional and is discussed in the following sections.
RD
CS
100nF
100nF
AVDD
10µF
100nF
AGND
DGND
DVDD
OVDD
OGND
CNVST
BUSY
SDOUT
SDCLK
RESET
PD
REFBUFIN
D
CLOCK
AD7612
MICROCONVERTER/
MICROPROCESSOR/
DSP
DIGITAL
INTERFACE
SUPPLY
(2.5V, 3.3V, or 5V)
ANALOG
SUPPLY (5V)
OVDD
DIGITAL
SUPPLY (5V)
IN+
IN–
NOTE 5
ANALOG
INPUT +
CC
2.7nF
U1
NOTE 1
SER/PAR
OB/2C
REFGND
REF
PDBUF
PDREF
100nF
NOTE 3
NOTE 4
NOTE 3
NOTE 7
10µF
10µF
CREF
22µF
NOTES
1. SEE ANALOG INPUT SECTION. ANALOG INPUT(–) IS REFERENCED TO AGND ±0.1V.
2. THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
3. THE CONFIGURATION SHOWN IS USING THE INTERNAL REFERENCE. SEE VOLTAGE REFERENCE INPUT SECTION.
4. A 22µF CERAMIC CAPACITOR (X5R, 1206 SIZE) IS RECOMMENDED (FOR EXAMPLE, PANASONIC ECJ4YB1A226M).
SEE VOLTAGE REFERENCE INPUT SECTION.
5. OPTION, SEE POWER SUPPLY SECTION.
6. THE VCC AND VEE SUPPLIES SHOULD BE VCC = [VIN(MAX) +2V] and VEE = [VIN(MIN) –2V] FOR BIPOLAR INPUT RANGES.
FOR UNIPOLAR INPUT RANGES, VEE CAN BE 0V. SEE POWER SUPPLY SECTION.
7. OPTIONAL LOW JITTER CNVST, SEE CONVERSION CONTROL SECTION.
ANALOG
INPUT–
NOTE 2
VCC
VEE
10µF
100nF
+7V TO +15.75V
SUPPLY
10µF
100nF
–7V TO –15.75V
SUPPLY
NOTE 6
HW/SW
SCCS
SCCLK
SCIN
BIPOLAR
TEN
SERIAL
PORT 1
SERIAL
PORT 2
WARP
IMPULSE
Figure 27. Typical Connection Diagram Shown with Serial Interface and Serial Programmable Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com