Electronic Components Datasheet Search
  English  ▼

X  

DP83849I Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849I
Description  DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849I Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP83849I Datasheet HTML 61Page - National Semiconductor (TI) DP83849I Datasheet HTML 62Page - National Semiconductor (TI) DP83849I Datasheet HTML 63Page - National Semiconductor (TI) DP83849I Datasheet HTML 64Page - National Semiconductor (TI) DP83849I Datasheet HTML 65Page - National Semiconductor (TI) DP83849I Datasheet HTML 66Page - National Semiconductor (TI) DP83849I Datasheet HTML 67Page - National Semiconductor (TI) DP83849I Datasheet HTML 68Page - National Semiconductor (TI) DP83849I Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
65
www.national.com
7.1.11 MII Interrupt Control Register (MICR)
This register implements the MII Interrupt PHY Specific Control register. Sources for interrupt generation include: Energy
Detect State Change, Link State Change, Speed Status Change, Duplex Status Change, Auto-Negotiation Complete or
any of the counters becoming half-full. The individual interrupt events must be enabled by setting bits in the MII Interrupt
Status and Event Control Register (MISR).
7.1.12 MII Interrupt Status and Misc. Control Register (MISR)
This register contains event status and enables for the interrupt function. If an event has occurred since the last read of
this register, the corresponding status bit will be set. If the corresponding enable bit in the register is set, an interrupt will
be generated if the event occurs. The MICR register controls must also be set to allow interrupts. The status indications
in this register will be set even if the interrupt is not enabled.
Table 30. MII Interrupt Control Register (MICR), address 11h
Bit
Bit Name
Default
Description
15:3
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
2
TINT
0, RW
Test Interrupt:
Forces the PHY to generate an interrupt to facilitate interrupt test-
ing. Interrupts will continue to be generated as long as this bit re-
mains set.
1 = Generate an interrupt
0 = Do not generate interrupt
1
INTEN
0, RW
Interrupt Enable:
Enable interrupt dependent on the event enables in the MISR reg-
ister.
1 = Enable event based interrupts
0 = Disable event based interrupts
0
INT_OE
0, RW
Interrupt Output Enable:
Enable interrupt events to signal via the PWRDOWN_INT pin by
configuring the PWRDOWN_INT pin as an output.
1 = PWRDOWN_INT is an Interrupt Output
0 = PWRDOWN_INT is a Power Down Input
Table 31. MII Interrupt Status and Misc. Control Register (MISR), address 12h
15
LQ_INT
0, RO/COR
Link Quality interrupt:
1 = Link Quality interrupt is pending and is cleared by the current
read.
0 = No Link Quality interrupt pending.
14
ED_INT
0, RO/COR
Energy Detect interrupt:
1 = Energy detect interrupt is pending and is cleared by the current
read.
0 = No energy detect interrupt pending.
13
LINK_INT
0, RO/COR
Change of Link Status interrupt:
1 = Change of link status interrupt is pending and is cleared by the
current read.
0 = No change of link status interrupt pending.
12
SPD_INT
0, RO/COR
Change of speed status interrupt:
1 = Speed status change interrupt is pending and is cleared by the
current read.
0 = No speed status change interrupt pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com