Electronic Components Datasheet Search
  English  ▼

X  

DP83849I Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849I
Description  DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849I Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button DP83849I Datasheet HTML 93Page - National Semiconductor (TI) DP83849I Datasheet HTML 94Page - National Semiconductor (TI) DP83849I Datasheet HTML 95Page - National Semiconductor (TI) DP83849I Datasheet HTML 96Page - National Semiconductor (TI) DP83849I Datasheet HTML 97Page - National Semiconductor (TI) DP83849I Datasheet HTML 98Page - National Semiconductor (TI) DP83849I Datasheet HTML 99Page - National Semiconductor (TI) DP83849I Datasheet HTML 100Page - National Semiconductor (TI) DP83849I Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
97
www.national.com
8.2.21 10BASE-T Normal Link Pulse Timing
Note: These specifications represent transmit timings.
8.2.22 Auto-Negotiation Fast Link Pulse (FLP) Timing
Note: These specifications represent transmit timings.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.21.1
Pulse Width
100
ns
T2.21.2
Pulse Period
16
ms
Parameter
Description
Notes
Min
Typ
Max
Units
T2.22.1
Clock, Data Pulse Width
100
ns
T2.22.2
Clock Pulse to Clock Pulse
Period
125
µs
T2.22.3
Clock Pulse to Data Pulse
Period
Data = 1
62
µs
T2.22.4
Burst Width
2
ms
T2.22.5
FLP Burst to FLP Burst Period
16
ms
T2.21.2
T2.21.1
Normal Link Pulse(s)
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
Fast Link Pulse(s)
T2.22.1
T2.22.1
T2.22.2
T2.22.3
T2.22.4
T2.22.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com