Electronic Components Datasheet Search
  English  ▼

X  

DP83849I Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849I
Description  DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849I Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button DP83849I Datasheet HTML 83Page - National Semiconductor (TI) DP83849I Datasheet HTML 84Page - National Semiconductor (TI) DP83849I Datasheet HTML 85Page - National Semiconductor (TI) DP83849I Datasheet HTML 86Page - National Semiconductor (TI) DP83849I Datasheet HTML 87Page - National Semiconductor (TI) DP83849I Datasheet HTML 88Page - National Semiconductor (TI) DP83849I Datasheet HTML 89Page - National Semiconductor (TI) DP83849I Datasheet HTML 90Page - National Semiconductor (TI) DP83849I Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
87
www.national.com
8.2.3 MII Serial Management Timing
8.2.4 100 Mb/s MII Transmit Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.3.1
MDC to MDIO (Output) Delay Time
0
30
ns
T2.3.2
MDIO (Input) to MDC Setup Time
10
ns
T2.3.3
MDIO (Input) to MDC Hold Time
10
ns
T2.3.4
MDC Frequency
2.5
25
MHz
Parameter
Description
Notes
Min
Typ
Max
Units
T2.4.1
TX_CLK High/Low Time
100 Mb/s Normal mode
16
20
24
ns
T2.4.2
TXD[3:0], TX_EN Data Setup to TX_CLK
100 Mb/s Normal mode
10
ns
T2.4.3
TXD[3:0], TX_EN Data Hold from TX_CLK
100 Mb/s Normal mode
0
ns
MDC
MDC
MDIO (output)
MDIO (input)
Valid Data
T2.3.1
T2.3.2
T2.3.3
T2.3.4
TX_CLK
TXD[3:0]
TX_EN
Valid Data
T2.4.2
T2.4.3
T2.4.1
T2.4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com