Electronic Components Datasheet Search
  English  ▼

X  

LM4947 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4947
Description  Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4947 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM4947 Datasheet HTML 24Page - National Semiconductor (TI) LM4947 Datasheet HTML 25Page - National Semiconductor (TI) LM4947 Datasheet HTML 26Page - National Semiconductor (TI) LM4947 Datasheet HTML 27Page - National Semiconductor (TI) LM4947 Datasheet HTML 28Page - National Semiconductor (TI) LM4947 Datasheet HTML 29Page - National Semiconductor (TI) LM4947 Datasheet HTML 30Page - National Semiconductor (TI) LM4947 Datasheet HTML 31Page - National Semiconductor (TI) LM4947 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Application Information (Continued)
∆AV (change in AC gain)=1/1+M, where M represents
some ratio of the nominal internal resistor, 20k
Ω (see ex-
ample below).
f
3dB (3D)=1/2
π (1 + M)(20kΩ *C
3D)
(5)
C
Equivalent (new) = C3D /1+M
(6)
TABLE 7. Pole Locations
R
3D (k
Ω)
(optional)
C
3D (nF)
M
∆AV (dB)
f-3dB (3D)
(Hz)
Value of C
3D
to keep same
pole location
(nF)
new Pole
Location
(Hz)
068
0
0
117
1
68
0.05
–0.4
111
64.8
117
5
68
0.25
–1.9
94
54.4
117
10
68
0.50
–3.5
78
45.3
117
20
68
1.00
–6.0
59
34.0
117
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 8
Ω LOAD
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendent on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. For example, 0.1
Ω trace resistance reduces
the output power dissipated by an 8
Ω load from 158.3mW to
156.4mW. The problem of decreased load dissipation is
exacerbated as load impedance decreases. Therefore, to
maintain the highest load dissipation and widest output volt-
age swing, PCB traces that connect the output pins to a load
must be as wide as possible.
Poor power supply regulation adversely affects maximum
output power. A poorly regulated supply’s output voltage
decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
POWER DISSIPATION AND EFFICIENCY
In general terms, efficiency is considered to be the ratio of
useful work output divided by the total energy required to
produce it with the difference being the power dissipated,
typically, in the IC. The key here is “useful” work. For audio
systems, the energy delivered in the audible bands is con-
sidered useful including the distortion products of the input
signal.
Sub-sonic
(DC)
and
super-sonic
components
(>22kHz) are not useful. The difference between the power
flowing from the power supply and the audio band power
being transduced is dissipated in the LM4947 and in the
transducer load. The amount of power dissipation in the
LM4947 is very low. This is because the ON resistance of the
switches used to form the output waveforms is typically less
than 0.25
Ω. This leaves only the transducer load as a po-
tential "sink" for the small excess of input power over audio
band output power. The LM4947 dissipates only a fraction of
the excess power requiring no additional PCB area or cop-
per plane to act as a heat sink.
The LM4947 also has a pair of single-ended amplifiers driv-
ing stereo headphones, R
HP and LHP. The maximum internal
power dissipation for R
HP and LHP is given by equation (9)
and (10). From Equations (9) and (10), assuming a 5V power
supply and a 32
Ω load, the maximum power dissipation for
L
HP and RHP is 40mW, or 80mW total.
P
DMAX-LHP =(VDD)
2 /(2
π2 R
L): Single-ended Mode
(7)
P
DMAX-RHP =(VDD)
2 /(2
π2 R
L): Single-ended Mode (8)
The maximum internal power dissipation of the LM4947
occurs when all 3 amplifiers pairs are simultaneously on; and
is given by Equation (11).
P
DMAX-TOTAL =
P
DMAX-SPKROUT +PDMAX-LHP +PDMAX-RHP
(9)
The maximum power dissipation point given by Equation
(11) must not exceed the power dissipation given by Equa-
tion (12):
P
DMAX =(TJMAX -TA)/
θ
JA
(10)
The LM4947’s T
JMAX = 150˚C. In the ITL package, the
LM4947’s
θ
JA is 65˚C/W. At any given ambient temperature
T
A, use Equation (12) to find the maximum internal power
dissipation supported by the IC packaging. Rearranging
Equation (12) and substituting P
DMAX-TOTAL for PDMAX’ re-
sults in Equation (13). This equation gives the maximum
ambient temperature that still allows maximum stereo power
dissipation without violating the LM4947’s maximum junction
temperature.
T
A =TJMAX -PDMAX-TOTAL
θ
JA
(11)
For a typical application with a 5V power supply and an 8
Ω
load, the maximum ambient temperature that allows maxi-
mum stereo power dissipation without exceeding the maxi-
mum junction temperature is approximately 104˚C for the
ITL package.
T
JMAX =PDMAX-TOTAL
θ
JA +TA
(12)
Equation (14) gives the maximum junction temperature T
J-
MAX
. If the result violates the LM4947’s 150˚C, reduce the
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com