Electronic Components Datasheet Search
  English  ▼

X  

LM4947 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4947
Description  Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4947 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4947 Datasheet HTML 4Page - National Semiconductor (TI) LM4947 Datasheet HTML 5Page - National Semiconductor (TI) LM4947 Datasheet HTML 6Page - National Semiconductor (TI) LM4947 Datasheet HTML 7Page - National Semiconductor (TI) LM4947 Datasheet HTML 8Page - National Semiconductor (TI) LM4947 Datasheet HTML 9Page - National Semiconductor (TI) LM4947 Datasheet HTML 10Page - National Semiconductor (TI) LM4947 Datasheet HTML 11Page - National Semiconductor (TI) LM4947 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
I
2C (Notes 2, 7)
The following specifications apply for V
DD = 5V and 3.3V, TA = 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4947
Units
(Limits)
Typical
(Note 4)
Limits
(Note 5)
t
1
Clock Period
2.5
µs (max)
t
2
Clock Setup Time
100
ns (min)
t
3
Data Hold Time
100
ns (min)
t
4
Start Condition Time
100
ns (min)
t
5
Stop Condition Time
100
ns (min)
V
IH
SPI Input Voltage High
0.7xI
2C
V
DD
V (min)
V
IL
SPI Input Voltage Low
0.3xI
2C
V
DD
V (max)
I
2C Protocol Information
The I
2C address for the LM4947 is determined using the
ID_ENB pin. The LM4947’s two possible I
2C chip addresses
are of the form 111110X
10
(binary), where X
1
=0,if
ID_ADDR is logic LOW; and X
1 = 1, if ID_ENB is logic HIGH.
If the I
2C interface is used to address a number of chips in a
system, the LM4947’s chip address can be changed to avoid
any possible address conflicts.
201735F5
FIGURE 3. I
2C Bus Format
201735F4
FIGURE 4. I
2C Timing Diagram
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com