Electronic Components Datasheet Search
  English  ▼

X  

LM4947 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4947
Description  Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4947 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4947 Datasheet HTML 1Page - National Semiconductor (TI) LM4947 Datasheet HTML 2Page - National Semiconductor (TI) LM4947 Datasheet HTML 3Page - National Semiconductor (TI) LM4947 Datasheet HTML 4Page - National Semiconductor (TI) LM4947 Datasheet HTML 5Page - National Semiconductor (TI) LM4947 Datasheet HTML 6Page - National Semiconductor (TI) LM4947 Datasheet HTML 7Page - National Semiconductor (TI) LM4947 Datasheet HTML 8Page - National Semiconductor (TI) LM4947 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM4947
Mono Class D and Stereo Audio Subsystem with OCL
Headphone Amplifier and National 3D
General Description
The LM4947 is an audio subsystem capable of efficiently
delivering 500mW (Class D operation) of continuous aver-
age power into a mono 8
Ω bridged-tied load (BTL) with 1%
THD+N, 37mW (Class AB operation) power channel of con-
tinuous average power into stereo 32
Ω single-ended (SE)
loads with 1% THD+N, or an output capacitor-less (OCL)
configuration with identical specification as the SE configu-
ration, from a 3.3V power supply.
The LM4947 has six input channels: one pair for a two-
channel stereo signal, the second pair for a secondary two-
channel stereo input, and the third pair for a differential
single-channel mono input. Additionally, the two sets of ste-
reo inputs may be configured as a single stereo differential
input (differential left and differential right). The LM4947
features a 32-step digital volume control and eight distinct
output modes. The digital volume control, 3D enhancement,
and output modes are programmed through a two-wire I
2C
compatible interface that allows flexibility in routing and mix-
ing audio channels.
The RF suppression circuitry in the LM4947 makes it well-
suited for GSM mobile phones and other portable applica-
tions in which strong RF signals generated by an antenna
(and long output traces) may couple audibly into the ampli-
fier.
The LM4947 is designed for cellular phones, PDAs, and
other portable handheld applications. It delivers high quality
output power from a surface-mount package and requires
only eight external components in the OCL mode (two addi-
tional components in SE mode).
Key Specifications
j THD+N at 1kHz, 500mW
into 8
Ω BTL (3.3V)
1.0% (typ)
j THD+N at 1kHz, 37mW
into 32
Ω SE (3.3V)
1.0% (typ)
j Single Supply Operation (VDD)
2.7 to 5.5V
j I
2C Single Supply Operation
2.2 to 5.5V
Features
n
I
2C Control Interface
n
I
2C programmable National 3D Audio
n
I
2C controlled 32 step digital volume control (-59.5dB to
+18dB)
n
Three independent volume channels (Left, Right, Mono)
n
Eight distinct output modes
n
Small, 25–bump micro SMD packaging
n
“Click and Pop” suppression circuitry
n
Thermal shutdown protection
n
Low shutdown current (0.1µA, typ)
n
RF suppression
n
Differential mono and stereo inputs
n
Stereo input mux
Applications
n
Mobile Phones
n
PDAs
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2006
© 2006 National Semiconductor Corporation
DS201735
www.national.com


Similar Part No. - LM4947

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System
LM4947 TI2-LM4947 Datasheet
945Kb / 36P
LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
REVISED MAY 2013
LM4947TL/NOPB TI1-LM4947TL/NOPB Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System
LM4947TL/NOPB TI2-LM4947TL/NOPB Datasheet
945Kb / 36P
LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
REVISED MAY 2013
More results

Similar Description - LM4947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com