Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 125
Description  MXM 230P Connector, STD, 7.8H, Gold Flash, Black, Reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

125 Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  125 Datasheet HTML 1Page - ATTEND Technology Inc. 125 Datasheet HTML 2Page - ATTEND Technology Inc. 125 Datasheet HTML 3Page - ATTEND Technology Inc. 125 Datasheet HTML 4Page - ATTEND Technology Inc. 125 Datasheet HTML 5Page - ATTEND Technology Inc. 125 Datasheet HTML 6Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
125X-78X00
File
125-Series_SPEC_3
Date
2020/04/17
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of
P/N
Descriptions
125A-78A00
MXM 230P Connector, STD, 7.8H, Gold Flash, Black, Reel
125A-78C00
MXM 230P Connector, STD, 7.8H, 5u", Black, Reel
125A-78D00
MXM 230P Connector, STD, 7.8H, 10u", Black, Reel
125B-78A00
MXM 314P Connector, STD, 7.8H, Gold Flash , Black, Reel
125B-78C00
MXM 314P Connector, STD, 7.8H, 5u", Black, Reel
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIAL AND FINISH
INSULATOR
Material
LCP, UL94V-0, Black
CONTACT
Material
Copper Alloy
Plating
Au Plated 5μ” MIN.
Ni Under Plated 60μ” MIN.
SHELL OR COVER
Material
Copper Alloy
Plating
Ni Under Plated 60μ” MIN.
Matte Tin 80μ” MIN.
RATING
Current Rating: 0.5A (per pin)
Voltage Rating: 50V DC (per pin)
Contact Resistance: 40mΩ max (Initial)
Withstanding Voltage: 250V AC
Operating Temperature: -40~+85℃
ELECTRICAL
Item
Requirement
Test Condition
Low Level Contact
Initial: 40mΩ max.
EIA-364-23B


Similar Part No. - 125

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125 CDE-125 Datasheet
805Kb / 5P
The Pace-Setter for Long Life and High Temperature
125 CDE-125 Datasheet
1Mb / 3P
Screw Terminal Mounting Hardware and Accessories
logo
Littelfuse
125 LITTELFUSE-125 Datasheet
648Kb / 2P
Heavy Duty Fuse Clips
07/08/21
125 LITTELFUSE-125 Datasheet
228Kb / 1P
Circuit Board Mount Clips for 10mm (13/32”) Diameter Fuses
12/08/22
logo
Nexperia B.V. All right...
125 NEXPERIA-125 Datasheet
139Kb / 12P
2-input AND gate
Rev. 7 18 November 2014
More results

Similar Description - 125

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0503948054 MOLEX7-0503948054 Datasheet
89Kb / 3P
Milli-Grid??Crimp Terminal, Reel, Gold (Au) Flash, Lead free
logo
Assmann Electronics Inc...
AWP-64-7241-T ASSMANN-AWP-64-7241-T Datasheet
215Kb / 1P
Gold flash, 2.54mm pitch
logo
CUI INC
SJ2-2593X-SMT CUI-SJ2-2593X-SMT Datasheet
733Kb / 4P
gold flash terminal plating
SJ2-2596X-SMT CUI-SJ2-2596X-SMT Datasheet
683Kb / 4P
gold flash terminal plating
SJ2-3544A-SMT-TR CUI-SJ2-3544A-SMT-TR Datasheet
451Kb / 4P
gold flash terminal plating
SJ2-2541X-SMT CUI-SJ2-2541X-SMT Datasheet
668Kb / 4P
gold flash terminal plating
logo
Molex Electronics Ltd.
0503948054 MOLEX1-0503948054_17 Datasheet
36Kb / 1P
Milli-Grid Crimp Terminal, Female, Gold (Au) Flash, Reel, Lead free
logo
Keystone Electronics Co...
2994 KEYSTONE-2994 Datasheet
200Kb / 1P
GOLD FLASH
logo
Adlink Technology Inc.
DLAP-3000-CFL ADLINK-DLAP-3000-CFL Datasheet
237Kb / 2P
Embedded System supporting MXM Graphics Module
logo
Advantech Co., Ltd.
MIC-6110 ADVANTECH-MIC-6110 Datasheet
513Kb / 2P
6U OpenVPX MXM carrier
17-Jun-2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com