Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 125
Description  MXM 230P Connector, STD, 7.8H, Gold Flash, Black, Reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

125 Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  125 Datasheet HTML 1Page - ATTEND Technology Inc. 125 Datasheet HTML 2Page - ATTEND Technology Inc. 125 Datasheet HTML 3Page - ATTEND Technology Inc. 125 Datasheet HTML 4Page - ATTEND Technology Inc. 125 Datasheet HTML 5Page - ATTEND Technology Inc. 125 Datasheet HTML 6Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
Resistance
Final: 50mΩ max or △
20mΩ max, whichever is
less, for measurements
after other tests
Specify which option used.
Do not used option 4.
[ Reference to Figure 1 ]
Dielectric Withstanding
Voltage
No evidence of flash over
or insulation shall take
place.
Current leakage: 1mA
Max.
EIA-364-20B
Method B on one pair of upper adjacent contacts
and on one pair of lower adjacent contacts.
Apply 250V AC (50Hz) for 1 minute.
Insulation Resistance
Initial: 250MΩ Min.
Final: 50MΩ Min.
EIA-364-21C
Impressed voltage 500V DC.
Test between adjacent circuits of unmated
connector.
Temperature Rise
30℃ Max change allowed
at rated current.
EIA-364-70 Method 2
Mate connectors, measure the temperature rise
at rated current after 0.5A/Power contact. The
temperature rise above ambient shall not exceed
30℃ the ambient condition is still air at 25℃.
MECHANICAL
Item
Requirement
Test Condition
Mating/Unmating Force
30 cycles
125A-78C00(230P)
Mating Force: 13N Max.
Unmating Force: 16N
Max.
125B-78C00(314P)
Mating Force: 25N Max.
Unmating Force: 28N
Max.
EIA-364-13C
Card mating/unmating sequence:
a) Insert the card at the angle specified by the
manufacture.
b) Rotate the card into position.
c) Reverse the installation sequence to
unmating.
Operation Speed:
25.4mm per minute. Measure the force required
to mate/unmate connector.
[ Reference to Figure 2 ]
Durability
30 cycles
No evidence of physical
damage.
EIA-364-09
The sample should be mounted in the tester and
fully mate and unmated the rate of 25.4mm per
minute.
Durability
(Preconditioning)
5 cycles
No evidence of physical
damage.
EIA-364-09
The sample should be mounted in the tester and
fully mate and unmated the rate of 25.4mm per
minute.
Vibration
No electrical discontinuity
greater than 1 μ sec shall
occur.
No evidence of physical
damage.
EIA-364-28
Test condition VII, Test condition D
With a 40x40mm block of 100 grams fastened
and center of Module.
Mechanical Shock
No electrical discontinuity
greater than 1 μ sec shall
occur.
No evidence of physical
EIA-364-27B
Test condition A
With a 40x40mm block of 100 grams fastened
and center of Module.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com