Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 125
Description  MXM 230P Connector, STD, 7.8H, Gold Flash, Black, Reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

125 Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  125 Datasheet HTML 1Page - ATTEND Technology Inc. 125 Datasheet HTML 2Page - ATTEND Technology Inc. 125 Datasheet HTML 3Page - ATTEND Technology Inc. 125 Datasheet HTML 4Page - ATTEND Technology Inc. 125 Datasheet HTML 5Page - ATTEND Technology Inc. 125 Datasheet HTML 6Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
damage.
Solder Peg Retention
Force
5N/Pos. (Min.)
Place a connector on the push-pull machine, then
apply a force on a contact head and push the
latch to the opposite direction of the latch spring
insertion at the speed of 25±3mm/min.
Measure the force when the latch spring dislodges
from insulator.
Contact Retention Force
1N/Pos. (Min.)
Place a connector on the push-pull machine, the
apply a force on a contact head and push the
contact to the opposite direction of the contact
insertion at the speed of 25±3mm/min.
Measure the force when the contact dislodges
from insulator.
ENVIRONMENTAL
Item
Requirement
Test Condition
Humidity Temperature
Cycle
No evidence of physical
damage.
EIA-364-31,method III
Mated Connector. Initial measurement, cold shock
and vibration. Cycle the connector between 25±3
℃
at 80±3%RH and 65±3℃ at 50±3%RH.
Ramp times should be 0.5 hour and dwell times
should be 1.0 hour. Dwell times start when the
temperature and humidity have stabilized within
the specified levels. Perform 24 such cycles.
Thermal Shock
No evidence of physical
damage.
EIA-364-32, test condition I
Mated Connector, 10 cycles
Temperature Life
No evidence of physical
damage.
EIA-364-17, method A
Mated Connector, 105℃, 120 hours
Temperature Life
(Preconditioning)
No evidence of physical
damage.
EIA-364-17, method A
Mated Connector, 105℃, 92 hours
Reseating
No evidence of physical
damage.
Manually mating/unmating the connector. Perform
3 such cycles.
SOLDER ABILITY
Item
Requirement
Test Condition
Reflow Soldering Heat
Resistance
No evidence of physical
damage.
Pre-heat: 150~215℃, 30~120 sec.
Reflow: 230℃ MIN, 40 sec Min.
Peak temp:260℃ Max, 10 sec Max.
[ Reference to Figure 3 ]
Solder Ability
Solder coverage 95%Min.
EIA-364-52
Solder 5±0.5 seconds.
Solder temperature:245±5℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com