Electronic Components Datasheet Search
  English  ▼

X  

NX5321 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NX5321
Description  LASER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX5321 Datasheet(HTML) 3 Page - Renesas Technology Corp

  NX5321 Datasheet HTML 1Page - Renesas Technology Corp NX5321 Datasheet HTML 2Page - Renesas Technology Corp NX5321 Datasheet HTML 3Page - Renesas Technology Corp NX5321 Datasheet HTML 4Page - Renesas Technology Corp NX5321 Datasheet HTML 5Page - Renesas Technology Corp NX5321 Datasheet HTML 6Page - Renesas Technology Corp NX5321 Datasheet HTML 7Page - Renesas Technology Corp NX5321 Datasheet HTML 8Page - Renesas Technology Corp NX5321 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
LASER DIODE
NX5321 Series
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH
InGaAsP MQW-FP LASER DIODE
Document No. PL10739EJ02V0DS (2nd edition)
Date Published April 2009 NS
Printed in Japan
2008, 2009
DESCRIPTION
The NX5321 Series is a 1 310 nm Multiple Quantum Well (MQW)
structured Fabry-Perot (FP) laser diode with InGaAs monitor PIN-PD. These
devices are designed for application up to 1.25 Gb/s.
APPLICATIONS
• STM-1 (I-1, S-1.1), STM-4 (I-4, S-4.1), ITU-T recommendations
• FTTH P2P (Fiber To The Home Point to Point) system
FEATURES
• Optical output power
Po = 5.0 mW
• Low threshold current
lth = 7 mA
• Differential efficiency
ηd = 0.3 W/A
• Wide operating temperature range TC =
−40 to +85°C
• InGaAs monitor PIN-PD
• CAN package
φ 5.6 mm
• Fiber coupling point
5.8 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com