Electronic Components Datasheet Search
  English  ▼

X  

NX5321 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NX5321
Description  LASER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX5321 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NX5321 Datasheet HTML 1Page - Renesas Technology Corp NX5321 Datasheet HTML 2Page - Renesas Technology Corp NX5321 Datasheet HTML 3Page - Renesas Technology Corp NX5321 Datasheet HTML 4Page - Renesas Technology Corp NX5321 Datasheet HTML 5Page - Renesas Technology Corp NX5321 Datasheet HTML 6Page - Renesas Technology Corp NX5321 Datasheet HTML 7Page - Renesas Technology Corp NX5321 Datasheet HTML 8Page - Renesas Technology Corp NX5321 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet PL10739EJ02V0DS
2
NX5321 Series
PACKAGE DIMENSIONS (UNIT: mm)
PIN CONNECTIONS
1 (Case)
4
3
2
LD
PD
NX5321EK
1 (Case)
2
3
4
LD
PD
NX5321EH
BOTTOM VIEW
1
2
3
4
1.0±0.1
Reference
Plane
(0.4)
*2
2.0
φ
4– 0.45
φ
5.6
+0.00
–0.03
φ
( 4.2)
*2
φ
( 3.55)
*2
φ
1.5
φ
x = ±300 m
y = ±300 m
Δ
μ
Δ
μ
*1 Recommendation of Fiber Coupling Conditions
Fiber : SMF with 8 degree angle-polished ferrule
Fiber coupling distance : 5.80±0.05 mm from reference plane.
Fiber coupling alignment : optimixed x, y,
( x, y
≤ ±300 m).
*2 (
) indicates nominal dimension.
μ
ΔΔ
θ
Fiber Coupling Point
*1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com