Electronic Components Datasheet Search
  English  ▼

X  

NX5321 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NX5321
Description  LASER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX5321 Datasheet(HTML) 6 Page - Renesas Technology Corp

  NX5321 Datasheet HTML 1Page - Renesas Technology Corp NX5321 Datasheet HTML 2Page - Renesas Technology Corp NX5321 Datasheet HTML 3Page - Renesas Technology Corp NX5321 Datasheet HTML 4Page - Renesas Technology Corp NX5321 Datasheet HTML 5Page - Renesas Technology Corp NX5321 Datasheet HTML 6Page - Renesas Technology Corp NX5321 Datasheet HTML 7Page - Renesas Technology Corp NX5321 Datasheet HTML 8Page - Renesas Technology Corp NX5321 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet PL10739EJ02V0DS
4
NX5321 Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Optical Output Power
Po
10
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
15
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vop
Po = 5.0 mW
1.1
1.5
V
Operating Current
Iop
Po = 5.0 mW
10
20
35
mA
Threshold Current
Ith
3
7
15
mA
Differential Efficiency
ηd
0.2
0.3
0.7
W/A
Center Wavelength
λC
Po = 5.0 mW, RMS (
−20 dB)
1 290
1 310
1 330
nm
Spectral Width
σ
Po = 5.0 mW, RMS (
−20 dB)
1.0
2.0
nm
Rise Time
tr
10-90%
0.15
0.3
ns
Fall Time
tf
90-10%
0.15
0.3
ns
Lateral Beam Angle
θ//
Po = 5.0 mW
11
deg.
Vertical Beam Angle
θ⊥
Po = 5.0 mW
11
deg.
Monitor Current
Im
VR = 1.5 V, Po = 5.0 mW
100
500
900
μA
Monitor Dark Current
ID
VR = 10 V
100
nA
Monitor PD Terminal Capacitance
Ct
VR = 10 V, f = 1 MHz
20
pF
Focal Distance
Df
Po = 5.0 mW
5.0
5.8
6.2
mm
Optical Output Power from Fiber
Pf
Po = 5.0 mW, 8 degree angled fiber,
Optimized x, y,
θ. z = 5.80±0.05 mm
400
800
μW
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com