Electronic Components Datasheet Search
  English  ▼

X  

MPC603EC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC603EC
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC603EC Datasheet HTML 22Page - NXP Semiconductors MPC603EC Datasheet HTML 23Page - NXP Semiconductors MPC603EC Datasheet HTML 24Page - NXP Semiconductors MPC603EC Datasheet HTML 25Page - NXP Semiconductors MPC603EC Datasheet HTML 26Page - NXP Semiconductors MPC603EC Datasheet HTML 27Page - NXP Semiconductors MPC603EC Datasheet HTML 28Page - NXP Semiconductors MPC603EC Datasheet HTML 29Page - NXP Semiconductors MPC603EC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26
603 Hardware Specifications
Loctite Corporation
860-571-5100
1001 Trout Brook Crossing
Rocky Hill, CT 06067
AI Technology (e.g., EG7655)
609-882-2332
1425 Lower Ferry Rd
Trent, NJ 08618
The following section provides a heat sink selection example using one of the commercially available heat
sinks.
1.8.6.3 Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
Tj = Ta + Tr + (θjc + θint + θsa) * Pd
Where:
Tj is the die-junction temperature
Ta is the inlet cabinet ambient temperature
Tr is the air temperature rise within the computer cabinet
θ
jc is the die junction-to-case thermal resistance
θ
int is the adhesive or interface material thermal resistance
θ
sa is the heat sink base-to-ambient thermal resistance
Pd is the power dissipated by the device
During operation the die-junction temperatures (Tj) should be maintained less than the value specified in
Table 2. The temperature of the air cooling the component greatly depends upon the ambient inlet air
temperature and the air temperature rise within the electronic cabinet. An electronic cabinet inlet-air
temperature (Ta) may range from 30 to 40 °C. The air temperature rise within a cabinet (Tr) may be in the
range of 5 to 10
°C. The thermal resistance of the thermal interface material (θ
int) is typically about
1
°C/W. Assuming a T
a of 30 °C, a Tr of 5 °C a CQFP package θjc = 2.2 °C/W, and a power consumption
(Pd ) of 3.0 W, the following expression for Tj is obtained:
Die-junction temperature: Tj = 30 °C + 5 °C + (2.2 °C/W + 1.0 °C/W + Rsa) * 3.0 W
For a Thermalloy heat sink #2328B, the heat sink-to-ambient thermal resistance (Rsa) versus airflow
velocity is shown in Figure 16.
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com