Electronic Components Datasheet Search
  English  ▼

X  

MPC603EC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC603EC
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC603EC Datasheet HTML 2Page - NXP Semiconductors MPC603EC Datasheet HTML 3Page - NXP Semiconductors MPC603EC Datasheet HTML 4Page - NXP Semiconductors MPC603EC Datasheet HTML 5Page - NXP Semiconductors MPC603EC Datasheet HTML 6Page - NXP Semiconductors MPC603EC Datasheet HTML 7Page - NXP Semiconductors MPC603EC Datasheet HTML 8Page - NXP Semiconductors MPC603EC Datasheet HTML 9Page - NXP Semiconductors MPC603EC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
603 Hardware Specifications
Table 5 provides the power consumption for the 603.
Output low voltage, IOL = 14 mA
VOL
—
0.4
V
Capacitance, Vin = 0 V, f = 1 MHz (excludes TS, ABB, DBB, and ARTRY)Cin
—
10.0
pF
2
Capacitance, Vin = 0 V, f = 1 MHz (for TS, ABB, DBB, and ARTRY)Cin
—
15.0
pF
2
Notes:
1. Excludes test signals (LSSD_MODE, L1_TSTCLK, L2_TSTCLK), and JTAG signals.
2. Capacitance is periodically sampled rather than 100% tested.
Table 5. Power Consumption
Vdd = 3.3
± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C
CPU Clock:
SYSCLK
Processor Core Frequency
Unit
66.67 MHz
80 MHz
Full-On Mode
Typical
Maximum
1.8
2.0
W
2.5
2.9
W
Doze Mode*
Typical
740
800
mW
Nap Mode*
Typical
160
160
mW
Sleep Mode*
Typical
125
130
mW
Sleep Mode—PLL Disabled*
Typical
70
40
mW
Sleep Mode—PLL and SYSCLK Disabled*
Typical
2
2
mW
Note: These values apply for all valid PLL_CFG[0–3] settings and do not include
output driver power (OVdd) or analog supply power (AVdd). OVdd power is
system dependent but is typically
≤ 10% of Vdd. Worst-case AVdd = 15 mW.
Table 4. DC Electrical Specifications (Continued)
Vdd = 3.3
± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C
Characteristic
Symbol
Min
Max
Unit
Notes
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com