Electronic Components Datasheet Search
  English  ▼

X  

MPC603EC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC603EC
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC603EC Datasheet HTML 1Page - NXP Semiconductors MPC603EC Datasheet HTML 2Page - NXP Semiconductors MPC603EC Datasheet HTML 3Page - NXP Semiconductors MPC603EC Datasheet HTML 4Page - NXP Semiconductors MPC603EC Datasheet HTML 5Page - NXP Semiconductors MPC603EC Datasheet HTML 6Page - NXP Semiconductors MPC603EC Datasheet HTML 7Page - NXP Semiconductors MPC603EC Datasheet HTML 8Page - NXP Semiconductors MPC603EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
603 Hardware Specifications
•
Integrated power management
— Low-power 3.3 volt design
— Internal processor/bus clock multiplier that provides 1/1, 2/1, 3/1 and 4/1 ratios
— Three power saving modes—doze, nap, and sleep
— Automatic dynamic power reduction when internal functional units are idle
•
In-system testability and debugging features through JTAG boundary-scan capability
1.3 General Parameters
The following list provides a summary of the general parameters of the 603.
Technology
0.5
µ CMOS (four-layer metal)
Die size
11.5 mm x 7.4 mm (85 mm2)
Transistor count
1.6 million
Logic design
Fully-static
Package
Surface mount, 240-pin CQFP
Power supply
3.3
± 5% V dc
1.4 Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the 603.
1.4.1 DC Electrical Characteristics
The tables in this section describe the 603 DC electrical characteristics. Table 1 provides the absolute
maximum ratings.
Table 1. Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Core supply voltage
Vdd
–0.3 to 4.0
V
PLL supply voltage
AVdd
–0.3 to 4.0
V
Input voltage
Vin
–0.3 to 5.5
V
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress
ratings only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may
affect device reliability or cause permanent damage to the device.
2. Caution: Vin must not exceed Vdd by more than 2.5 V at anytime including during power-on reset.
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com