Electronic Components Datasheet Search
  English  ▼

X  

AD9252 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9252
Description  Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9252 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9252 Datasheet HTML 5Page - Analog Devices AD9252 Datasheet HTML 6Page - Analog Devices AD9252 Datasheet HTML 7Page - Analog Devices AD9252 Datasheet HTML 8Page - Analog Devices AD9252 Datasheet HTML 9Page - Analog Devices AD9252 Datasheet HTML 10Page - Analog Devices AD9252 Datasheet HTML 11Page - Analog Devices AD9252 Datasheet HTML 12Page - Analog Devices AD9252 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AD9252
Rev. 0 | Page 9 of 52
ABSOLUTE MAXIMUM RATINGS
THERMAL IMPEDANCE
Table 5.
Parameter
With
Respect To
Rating
Table 6.
Air Flow
Velocity (m/s)
ELECTRICAL
θ
θ
θJA1
JB
JC
AVDD
AGND
−0.3 V to +2.0 V
0.0
17.7°C/W
DRVDD
DRGND
−0.3 V to +2.0 V
1.0
15.5°C/W
8.7°C/W
0.6°C/W
AGND
DRGND
−0.3 V to +0.3 V
2.5
13.9°C/W
AVDD
DRVDD
−2.0 V to +2.0 V
Digital Outputs
(D+, D−, DCO+,
DCO−, FCO+, FCO−)
DRGND
−0.3 V to +2.0 V
CLK+, CLK−
AGND
−0.3 V to +3.9 V
VIN+, VIN−
AGND
−0.3 V to +2.0 V
SDIO/ODM
AGND
−0.3 V to +2.0 V
PDWN, SCLK/DTP, CSB
AGND
−0.3 V to +3.9 V
REFT, REFB, RBIAS
AGND
−0.3 V to +2.0 V
VREF, SENSE
AGND
−0.3 V to +2.0 V
ENVIRONMENTAL
Operating Temperature
Range (Ambient)
−40°C to +85°C
Maximum Junction
Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Storage Temperature
Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 θJA for a 4-layer PCB with solid ground plane (simulated). Exposed pad
soldered to PCB.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com