Electronic Components Datasheet Search
  English  ▼

X  

AD9252 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9252
Description  Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9252 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9252 Datasheet HTML 15Page - Analog Devices AD9252 Datasheet HTML 16Page - Analog Devices AD9252 Datasheet HTML 17Page - Analog Devices AD9252 Datasheet HTML 18Page - Analog Devices AD9252 Datasheet HTML 19Page - Analog Devices AD9252 Datasheet HTML 20Page - Analog Devices AD9252 Datasheet HTML 21Page - Analog Devices AD9252 Datasheet HTML 22Page - Analog Devices AD9252 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AD9252
Rev. 0 | Page 19 of 52
CLOCK INPUT CONSIDERATIONS
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
CLK+ should be directly driven from a CMOS gate, and the
CLK− pin should be bypassed to ground with a 0.1 μF capacitor
in parallel with a 39 kΩ resistor (see Figure 43). Although the
CLK+ input circuit supply is AVDD (1.8 V), this input is
designed to withstand input voltages up to 3.3 V, making the
selection of the drive logic voltage very flexible.
For optimum performance, the AD9252 sample clock inputs
(CLK+ and CLK−) should be clocked with a differential signal.
This signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or capacitors. These pins are biased internally
and require no additional bias.
Figure 40 shows one preferred method for clocking the AD9252.
The low jitter clock source is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the secondary transformer limit clock excursions
into the AD9252 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to other portions of the AD9252 and preserves the fast
rise and fall times of the signal, which are critical to low jitter
performance.
CLOCK
INPUT
0.1µF
0.1µF
0.1µF
39kΩ
CMOS DRIVER
50Ω1
OPTIONAL
100Ω
0.1µF
CLK
CLK
150Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD9252
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
AD9252
MINI-CIRCUITS
ADT1–1WT, 1:1Z
XFMR
Figure 43. Single-Ended 1.8 V CMOS Sample Clock
CLOCK
INPUT
0.1µF
0.1µF
0.1µF
CMOS DRIVER
50Ω1
OPTIONAL
100Ω
CLK
CLK
150Ω RESISTOR IS OPTIONAL.
0.1µF
CLK–
CLK+
ADC
AD9252
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
Figure 40. Transformer-Coupled Differential Clock
If a low jitter clock is available, another option is to ac-couple a
differential PECL signal to the sample clock input pins as shown
in Figure 41. The AD9510/AD9511/AD9512/AD9513/AD9514/
AD9515 family of clock drivers offers excellent jitter performance.
Figure 44. Single-Ended 3.3 V CMOS Sample Clock
Clock Duty Cycle Considerations
CLOCK
INPUT
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
CLOCK
INPUT
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
50Ω1
50Ω1
CLK
CLK
150Ω RESISTORS ARE OPTIONAL.
CLK–
CLK+
ADC
AD9252
PECL DRIVER
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. The AD9252 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows a wide range
of clock input duty cycles without affecting the performance of
the AD9252. When the DCS is on, noise and distortion perfor-
mance are nearly flat for a wide range of duty cycles. However,
some applications may require the DCS function to be off. If so,
keep in mind that the dynamic range performance can be affected
when operated in this mode. See the Memory Map section for
more details on using this feature.
Figure 41. Differential PECL Sample Clock
CLOCK
INPUT
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50Ω1
CLOCK
INPUT
LVDS DRIVER
50Ω1
CLK
CLK
150Ω RESISTORS ARE OPTIONAL.
CLK–
CLK+
ADC
AD9252
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
The duty cycle stabilizer uses a delay-locked loop (DLL) to
create the nonsampling edge. As a result, any changes to the
sampling frequency require approximately eight clock cycles
to allow the DLL to acquire and lock to the new rate.
Figure 42. Differential LVDS Sample Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com