Electronic Components Datasheet Search
  English  ▼

X  

DSP56366 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button DSP56366 Datasheet HTML 57Page - NXP Semiconductors DSP56366 Datasheet HTML 58Page - NXP Semiconductors DSP56366 Datasheet HTML 59Page - NXP Semiconductors DSP56366 Datasheet HTML 60Page - NXP Semiconductors DSP56366 Datasheet HTML 61Page - NXP Semiconductors DSP56366 Datasheet HTML 62Page - NXP Semiconductors DSP56366 Datasheet HTML 63Page - NXP Semiconductors DSP56366 Datasheet HTML 64Page - NXP Semiconductors DSP56366 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-35
Figure 3-17 DRAM Refresh Access
3.10.3
Arbitration Timings
Table 3-17 Asynchronous Bus Arbitration timing
No.
Characteristics
Expression
120 MHz
Unit
Min
Max
250
BB assertion window from BG input negation.
2 .5* Tc + 5
—
25.8
ns
251
Delay from BB assertion to BG assertion
2 * Tc + 5
21.7
—
ns
Notes:
1. Bit 13 in the OMR register must be set to enter Asynchronous Arbitration mode
2. If Asynchronous Arbitration mode is active, none of the timings in
Table 3-17 is required.
3. In order to guarantee timings 250, and 251, it is recommended to assert
BG inputs to different 56300 devices (on the
same bus) in a non overlap manner as shown in
Figure 3-18.
RAS
CAS
WR
157
163
162
162
190
170
165
189
177
AA0478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com