Electronic Components Datasheet Search
  English  ▼

X  

DSP56366 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button DSP56366 Datasheet HTML 65Page - NXP Semiconductors DSP56366 Datasheet HTML 66Page - NXP Semiconductors DSP56366 Datasheet HTML 67Page - NXP Semiconductors DSP56366 Datasheet HTML 68Page - NXP Semiconductors DSP56366 Datasheet HTML 69Page - NXP Semiconductors DSP56366 Datasheet HTML 70Page - NXP Semiconductors DSP56366 Datasheet HTML 71Page - NXP Semiconductors DSP56366 Datasheet HTML 72Page - NXP Semiconductors DSP56366 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-43
Figure 3-26 Host DMA Read Timing Diagram
3.12
Serial Host Interface SPI Protocol Timing
Table 3-19 Serial Host Interface SPI Protocol Timing
No.
Characteristics1
Mode
Filter
Mode
Expression
Min
Max
Unit
140
Tolerable spike width on clock or data in
—
Bypassed
—
—
0
ns
Narrow
—
—
50
ns
Wide
—
—
100
ns
141
Minimum serial clock cycle = tSPICC(min)
Master
Bypassed
6
×T
C+46
96
—
ns
Narrow
6
×T
C+152
202
—
ns
Wide
6
×T
C+223
273
—
ns
142
Serial clock high period
Master
Bypassed
0.5
×t
SPICC –10
38
—
ns
Narrow
0.5
×t
SPICC –10
91
—
ns
Wide
0.5
×t
SPICC –10
126.5
—
ns
Slave
Bypassed
2.5
×T
C+12
32.8
—
ns
Narrow
2.5
×T
C+102
122.8
—
ns
Wide
2.5
×T
C+189
209.8
—
ns
326
317
318
327
328
329
Data
Valid
HOREQ
(Output)
HACK
(Input)
H0-H7
(Output)
RXH
Read
343
342
342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com