Electronic Components Datasheet Search
  English  ▼

X  

DSP56366 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button DSP56366 Datasheet HTML 10Page - NXP Semiconductors DSP56366 Datasheet HTML 11Page - NXP Semiconductors DSP56366 Datasheet HTML 12Page - NXP Semiconductors DSP56366 Datasheet HTML 13Page - NXP Semiconductors DSP56366 Datasheet HTML 14Page - NXP Semiconductors DSP56366 Datasheet HTML 15Page - NXP Semiconductors DSP56366 Datasheet HTML 16Page - NXP Semiconductors DSP56366 Datasheet HTML 17Page - NXP Semiconductors DSP56366 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-10
Freescale Semiconductor
HA2
Input
GPIO
disconnected
Host Address Input 2—When the HDI08 is programmed to interface a
non-multiplexed host bus and the HI function is selected, this signal is line 2
of the host address (HA2) input bus.
HA9
Input
GPIO
disconnected
Host Address 9—When HDI08 is programmed to interface a multiplexed
host bus and the HI function is selected, this signal is line 9 of the host
address (HA9) input bus.
PB10
Input, Output, or
Disconnected
GPIO
disconnected
Port B 10—When the HDI08 is configured as GPIO, this signal is
individually programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
HRW
Input
GPIO
disconnected
Host Read/Write—When HDI08 is programmed to interface a
single-data-strobe host bus and the HI function is selected, this signal is the
Host Read/Write (HRW) input.
HRD/
HRD
Input
GPIO
disconnected
Host Read Data—When HDI08 is programmed to interface a
double-data-strobe host bus and the HI function is selected, this signal is the
host read data strobe (HRD) Schmitt-trigger input. The polarity of the data
strobe is programmable, but is configured as active-low (HRD) after reset.
PB11
Input, Output, or
Disconnected
GPIO
disconnected
Port B 11—When the HDI08 is configured as GPIO, this signal is
individually programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
HDS/
HDS
Input
GPIO
disconnected
Host Data Strobe—When HDI08 is programmed to interface a
single-data-strobe host bus and the HI function is selected, this signal is the
host data strobe (HDS) Schmitt-trigger input. The polarity of the data strobe
is programmable, but is configured as active-low (HDS) following reset.
HWR/
HWR
Input
GPIO
disconnected
Host Write Data—When HDI08 is programmed to interface a
double-data-strobe host bus and the HI function is selected, this signal is the
host write data strobe (HWR) Schmitt-trigger input. The polarity of the data
strobe is programmable, but is configured as active-low (HWR) following
reset.
PB12
Input, output, or
disconnected
GPIO
disconnected
Port B 12—When the HDI08 is configured as GPIO, this signal is
individually programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
HCS
Input
GPIO
disconnected
Host Chip Select—When HDI08 is programmed to interface a
nonmultiplexed host bus and the HI function is selected, this signal is the
host chip select (HCS) input. The polarity of the chip select is
programmable, but is configured active-low (HCS) after reset.
Table 2-9 Host Interface (continued)
Signal Name
Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com