| Electronic Components Datasheet Search |
|
FSFLK_DS Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FSFLK_DS Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 37 page ![]() Freescale Sensor Fusion Library for Kinetis MCUs Freescale Semiconductor, Inc. 2.3 Accelerometer Plus Magnetometer The accelerometer plus magnetometer configuration is often used as an electronic compass. electronic compass is subject to the linear acceleration equals zero, assumption. Accuracy is dependent upon negligible magnetic interference from the environment in which the sensors travel. Figure 2. Accelerometer plus 2.4 Accelerometer Plus Gyroscope Using a gyroscope in addition to an accelerometer yields the ability to smoothly measure rotation in 3D space, although the system can only yield orientation to some random horizontal global frame of reference. That is, the system has no sense of magnetic north. Computation of yaw is not supported by this configuration. This configuration is commonly known as an Inertial Measurement Unit (IMU). Figure 3. Accelerometer Plus Gy 2.5 Accelerometer Plus Magnetometer Plus Gyroscope Sometimes referred to as Magnetic, Angular Rate and Gravity (MARG), this subsystem offers an optimal combination of sensors for smooth tracking of orientation and separation of gravity an acceleration. This system is capable of yielding absolute orientation data with respect to magnetic north. usion Library for Kinetis MCUs, Rev. 0.7, 9/2015 Accelerometer Plus Magnetometer The accelerometer plus magnetometer configuration is often used as an electronic compass. electronic compass is subject to the linear acceleration equals zero, assumption. Accuracy is dependent upon negligible magnetic interference from the environment in which the sensors travel. Accelerometer plus magnetometer block diagram Accelerometer Plus Gyroscope Using a gyroscope in addition to an accelerometer yields the ability to smoothly measure rotation in 3D space, although the system can only yield orientation to some random horizontal global frame of reference. That is, the system has no sense of magnetic north. Computation of yaw is not supported by This configuration is commonly known as an Inertial Measurement Unit (IMU). Accelerometer Plus Gyroscope Block Diagram Accelerometer Plus Magnetometer Plus Gyroscope Sometimes referred to as Magnetic, Angular Rate and Gravity (MARG), this subsystem offers an optimal combination of sensors for smooth tracking of orientation and separation of gravity an acceleration. This system is capable of yielding absolute orientation data with respect to magnetic The accelerometer plus magnetometer configuration is often used as an electronic compass. The electronic compass is subject to the linear acceleration equals zero, assumption. Accuracy is dependent upon negligible magnetic interference from the environment in which the sensors travel. Using a gyroscope in addition to an accelerometer yields the ability to smoothly measure rotation in 3D space, although the system can only yield orientation to some random horizontal global frame of reference. That is, the system has no sense of magnetic north. Computation of yaw is not supported by Accelerometer Plus Magnetometer Plus Gyroscope Sometimes referred to as Magnetic, Angular Rate and Gravity (MARG), this subsystem offers an optimal combination of sensors for smooth tracking of orientation and separation of gravity and linear acceleration. This system is capable of yielding absolute orientation data with respect to magnetic |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |