| Electronic Components Datasheet Search |
|
FSFLK_DS Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FSFLK_DS Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 37 page ![]() Freescale Sensor Fusion Library for Kinetis MCUs Freescale Semiconductor, Inc. 3.3 Terms and Acronyms Term DUT Device Under Test ENU A global frame of reference described by X = g abbreviation for gravities. 1 standard gravity the local gravimetric field, which can vary by 1/2 percent depending upon altitude and latitude. gauss CGS system unit for measuring magnetic field strength. 100 IMU Inertial Measurement Unit = acce Kinetis Freescale family of ARM®-based MCUs MagCal Magnetic Calibration MARG Magnetic Angular Rate Gravity = IMU + magnetometer MCU Micro-Controller Unit microTesla The Tesla is the SI unit for measuring magnetic field strength. 1E NED A global frame of reference described by X = pitch In the Aerospace/NED frame of reference, defined as a rotation about the Y RHR Right Hand Rule—a standard convention for describing the positive/negative sense of rotations about an axis of rotation. See http://en.wikipedia.org/wiki/Right_hand_rule roll In the Aerospace/NED frame of reference, defined as a rotation about the X RPY Roll, Pitch, and Yaw. In the Aerospace/NED frame of reference these are defined as rotations about the X axis,Y axis, and Z axis SI International System of Units (meter, kilogram, SLERP Spherical Linear intERPolation SysTick A feature of the ARM® processor; a clock cycle. tilt Angle from vertical UART Universal Asynchronous Receiver / Transmitter, also known as SCI (Serial Communications Interface) yaw In the Aerospace/NED frame of reference, defined as a rotation about the Z Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015 Terms and Acronyms Definition A global frame of reference described by X = East, Y = North, Z = Up abbreviation for gravities. 1 standard gravity = 9.80665 m/s2. Accelerometers are commonly trimmed using the local gravimetric field, which can vary by 1/2 percent depending upon altitude and latitude. CGS system unit for measuring magnetic field strength. 100 µT = 1 gauss. Inertial Measurement Unit = accelerometer + gyro based MCUs Magnetic Angular Rate Gravity = IMU + magnetometer The Tesla is the SI unit for measuring magnetic field strength. 1E–4 Tesla = 100 µT = 1 gauss A global frame of reference described by X = North, Y = East, Z = Down In the Aerospace/NED frame of reference, defined as a rotation about the Y-axis a standard convention for describing the positive/negative sense of rotations about an axis http://en.wikipedia.org/wiki/Right_hand_rule. space/NED frame of reference, defined as a rotation about the X-axis Roll, Pitch, and Yaw. In the Aerospace/NED frame of reference these are defined as rotations about the X International System of Units (meter, kilogram, second, ...) olation - See http://en.wikipedia.org/wiki/SLERP processor; a clock timer which for the purposes of this discussion, 1 sysTick = Universal Asynchronous Receiver / Transmitter, also known as SCI (Serial Communications Interface) In the Aerospace/NED frame of reference, defined as a rotation about the Z-axis commonly trimmed using the local gravimetric field, which can vary by 1/2 percent depending upon altitude and latitude. µ T = 1 gauss a standard convention for describing the positive/negative sense of rotations about an axis Roll, Pitch, and Yaw. In the Aerospace/NED frame of reference these are defined as rotations about the X this discussion, 1 sysTick = 1 CPU Universal Asynchronous Receiver / Transmitter, also known as SCI (Serial Communications Interface) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |