Electronic Components Datasheet Search
  English  ▼

X  

FSFLK_DS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FSFLK_DS
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK_DS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FSFLK_DS Datasheet HTML 8Page - NXP Semiconductors FSFLK_DS Datasheet HTML 9Page - NXP Semiconductors FSFLK_DS Datasheet HTML 10Page - NXP Semiconductors FSFLK_DS Datasheet HTML 11Page - NXP Semiconductors FSFLK_DS Datasheet HTML 12Page - NXP Semiconductors FSFLK_DS Datasheet HTML 13Page - NXP Semiconductors FSFLK_DS Datasheet HTML 14Page - NXP Semiconductors FSFLK_DS Datasheet HTML 15Page - NXP Semiconductors FSFLK_DS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Mechanical and Electrical Specifications
12
Freescale
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
3.4 References
1. "Orientation Representations: Part 1" at http://blogs.freescale.com/iot/2012/10/orientation-
representations-part-1/ community/the-embedded-beat/blog/2012/ 10/29/orientation-
representations-part-1
2. "Orientation Representations: Part 2" at http://blogs.freescale.com/sensors/2013/01/orientation-
representations-part-2/ community/the-embedded-beat/blog/2013/ 01/22/orientation-
representations-part-2
3. "Hard and soft iron magnetic compensation explained" at
http://blogs.freescale.com/sensors/2011/03/hard-and-soft-iron-magnetic-compensation-explained/
community.freescale.com/community/the-embeddedbeat/ blog/2011/03/14/hard- and-soft-iron-
magnetic-compensation-explained
4. CodeWarrior Integrated Development Environment Software at freescale.com/codewarrior
5. Kinetis Design Studio Integrated Development Environment
6. "Euler Angles" at http://en.wikipedia.org/wiki/Euler_Angles
7. "Introduction to Random Signals and Applied Kalman Filtering", 3rd edition, by Robert Grover
brown and Patrick Y.C. Hwang, John Wiley & Sons, 1997
8. "Quaternions and Rotation Sequences", Jack B. Kuipers, Princeton University Press, 1999
9. Freescale Freedom development platform home page at freescale.com/freedom
10.
OpenSDA User’s Guide, Freescale Semiconductor, Rev 0.93, 2012-09-18
11.
PE micro Open SDA Support
12.
PE micro Embedded OSBDM support
13.
Matlab computer software by MathWorks—http://www.mathworks.com/products/ matlab/
14.
www.freescale.com/opensda
4 Mechanical and Electrical Specifications
4.1 General Considerations
Fusion algorithms can be tuned to trade off one performance parameter versus another. Examples
include:
• Speedy handling of magnetic interference versus slower convergence to magnetic north
• Smoothness versus responsiveness
• Accuracy versus bandwidth
NOTE
All of the above means that there is no one correct configuration. Accordingly, this datasheet presents
typical performance as observed on the sample projects supplied by Freescale on specific Freescale
development platforms. No attempt has been made to measure a statistically significant number of
boards. Measured values are typically those observed on as few as one board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com