Electronic Components Datasheet Search
  English  ▼

X  

LT8650SPJVPBF Datasheet(PDF) 26 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 22Page - Analog Devices LT8650SPJVPBF Datasheet HTML 23Page - Analog Devices LT8650SPJVPBF Datasheet HTML 24Page - Analog Devices LT8650SPJVPBF Datasheet HTML 25Page - Analog Devices LT8650SPJVPBF Datasheet HTML 26Page - Analog Devices LT8650SPJVPBF Datasheet HTML 27Page - Analog Devices LT8650SPJVPBF Datasheet HTML 28Page - Analog Devices LT8650SPJVPBF Datasheet HTML 29Page - Analog Devices LT8650SPJVPBF Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LT8650SP
26
Rev. B
For more information www.analog.com
to 8A per channel rated current. Without the heat sink the
maximum output current will be 4A per channel.
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LT8650SP. The exposed pad on
the bottom of the package must be soldered to a ground
plane. This ground should be tied to large copper layers
below with 24 thermal vias; these layers will spread heat
dissipated by the LT8650SP. Placing additional vias can
reduce thermal resistance further. The maximum load
current should be derated as the ambient temperature
approaches the maximum junction rating. Power dissipa-
tion within the LT8650SP can be estimated by calculating
the total power loss from an efficiency measurement and
subtracting the inductor loss. The die temperature is cal-
culated by multiplying the LT8650SP power dissipation
by the thermal resistance from junction to ambient.
The internal thermal shutdown protection of LT8650SP
will stop switching and indicate a fault condition if junc-
tion temperature exceeds 165°C. The fault condition will
clear and switching resume when the temperature drops
back below 160°C.
TemperatureriseoftheLT8650SPisworstwhenoperating
at high load, high VIN, and high switching frequency. If the
case temperature is too high for a given application, then
either VIN, switching frequency, or load current can be
decreasedtoreducethetemperaturetoanacceptablelevel.
The LT8650SP’s internal power switches are capable
of safely delivering up to 8A of peak output current per
channel. However, due to thermal limits, the package can
only handle 4A loads per channel with heat sinking only
from the bottom of the package into the PCB. Figure 10
and Figure 11 show temperature rise at 400kHz and 2MHz
switching frequencies with different combinations of heat
sinking and airflow. The LT8650SP is capable of about
twice the current when a heat sink is added to the top
of the package and airflow are used versus no heat sink
and no airflow. Figure 12 and Figure 13 show the demo
board configurations with and without a heat sink; these
configurations were used to gather the data in Figure 10
and Figure 11. This data provides a reference of the
LT8650SP current capability; results will vary with heat
sink, chassis, and thermal interface materials of different
size, shape, and type.
APPLICATIONS INFORMATION
PCB Layout
ForproperoperationandminimumEMI,caremustbetaken
during printed circuit board layout. Figure 9 shows the
recommended component placement with trace, ground
plane and via locations. Note that large, switched currents
flow in the LT8650SP’s VIN pins, GND pins, and the input
capacitors. The loop formed by the input capacitor should
be as small as possible by placing the capacitor adjacent
to the VIN and GND pins. When using a physically large
input capacitor the resulting loop may become too large
in which case using a small case/value capacitor placed
close to the VIN and GND pins plus a larger capacitor
further away is preferred. These components, along with
the inductor and output capacitor, should be placed on
the same side of the circuit board, and their connections
should be made on that layer. Place a local, unbroken
ground plane under the application circuit on the layer
closest to the surface layer. The SW and BOOST nodes
should be as small as possible. Finally, keep the FB and
RT nodes small so that the ground traces will shield them
from the SW and BOOST nodes. The exposed pad acts
as a heat sink and is connected electrically to ground. To
keep thermal resistance low, extend the ground plane as
much as possible, and add thermal vias under and near the
LT8650SP to additional ground planes within the circuit
board and on the bottom side. See Figure 9 for example
PCB layout.
High Temperature Considerations
The LT8650SP architecture offers exposed die back on the
package top for heat sink mount. An appropriately sized
and mounted heat sink is required to achieve the full 6A
Figure 8. Reverse VIN Protection for Two Independent Input Voltages
8650sp F08
LT8650SP
GND
EN/UV2
VIN2
EN/UV1
VIN1
VIN1
VIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com