Electronic Components Datasheet Search
  English  ▼

X  

LT8616 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8616
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8616 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8616 Datasheet HTML 12Page - Analog Devices LT8616 Datasheet HTML 13Page - Analog Devices LT8616 Datasheet HTML 14Page - Analog Devices LT8616 Datasheet HTML 15Page - Analog Devices LT8616 Datasheet HTML 16Page - Analog Devices LT8616 Datasheet HTML 17Page - Analog Devices LT8616 Datasheet HTML 18Page - Analog Devices LT8616 Datasheet HTML 19Page - Analog Devices LT8616 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LT8650SP
16
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Achieving Ultralow Quiescent Current
To enhance efficiency at light loads, the LT8650SP oper-
ates in low ripple Burst Mode operation, which keeps
the output capacitor charged to the desired output volt-
age while minimizing the input quiescent current and
minimizing output voltage ripple. 3.7μA is supplied by
VIN1 to common bias circuits. In Burst Mode operation
the LT8650SP delivers single small pulses of current to
the output capacitor followed by sleep periods where the
output power is supplied by the output capacitor. While in
sleep mode both channels consume a combined 6.2μA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 1) and the percentage
of time the LT8650SP is in sleep mode increases, result-
ing in much higher light load efficiency than for typical
converters. By maximizing the time between pulses, the
converter quiescent current approaches 6.2µA for a typi-
cal application when there is no output load. Therefore,
to optimize the quiescent current performance at light
loads, the current in the feedback resistor divider must
be minimized as it appears to the output as load current.
While in Burst Mode operation the current limit of the top
switch is approximately 1.6A resulting in output voltage
rippleshowninFigure2.Increasingtheoutputcapacitance
willdecreasetheoutputrippleproportionally.Asloadramps
upward from zero the switching frequency will increase
but only up to the switching frequency programmed by
the resistor at the RT pin as shown in Figure 1. The output
load at which the LT8650SP reaches the programmed
frequency varies based on input voltage, output voltage,
and inductor choice.
For some applications it is desirable to select forced
continuous mode (FCM) to maintain full switching fre-
quency down to zero output load. See Forced Continuous
Mode section.
Figure 1. Burst Frequency
Figure 2. Burst Mode Operation
LOAD CURRENT (A)
0
0.20
0.40
0.60
0.80
1.00
1.20
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
VIN1 = VIN2 = 12V
VOUT = 5V
SYNC = 0V
RT = 15k
L = 1.0µH
LT8650sp F01
2µs/DIV
SW
5V/DIV
IL
1A/DIV
12VIN TO 5VOUT AT 100mA
SYNC = 0V
LT8650sp F02
FB Resistor Network
The output voltage is programmed with a resistor divider
betweentheoutputandtheFBpin(R1-2forchannel1,R3-4
for channel 2). Choose the resistor values according to:
R1
=R2
VOUT1
0.8V
–1
⎛
⎝⎜
⎞
⎠⎟
ReferencedesignatorsrefertotheBlockDiagram.1%resis-
torsarerecommendedtomaintainoutputvoltage accuracy.
Iflowinputquiescentcurrentandgoodlight-loadefficiency
are desired, use large resistor values for the FB resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com