Electronic Components Datasheet Search
  English  ▼

X  

LT8616 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8616
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8616 Datasheet(HTML) 3 Page - Analog Devices

  LT8616 Datasheet HTML 1Page - Analog Devices LT8616 Datasheet HTML 2Page - Analog Devices LT8616 Datasheet HTML 3Page - Analog Devices LT8616 Datasheet HTML 4Page - Analog Devices LT8616 Datasheet HTML 5Page - Analog Devices LT8616 Datasheet HTML 6Page - Analog Devices LT8616 Datasheet HTML 7Page - Analog Devices LT8616 Datasheet HTML 8Page - Analog Devices LT8616 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LT8650SP
3
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.6
3
V
VIN1 Quiescent Current in Shutdown VEN/UV1 = VEN/UV2 = 0V, VSYNC = 0V
l
1.7
4
10
µA
µA
VIN1 + VCC Quiescent Current in
Sleep with Internal Compensation
VEN/UV1 = VEN/UV2 = 2V, VFB1 = VFB2 >0.8V, VVC1 = VVC2 = VCC,
VSYNC = 0V
l
3.7
8
20
µA
µA
VIN1 + VCC Quiescent Current in
Sleep with External Compensation
VEN/UV1 = VEN/UV2 = 2V, VFB1 = VFB2 >0.8V, VVC1 = VVC2 = Float,
VSYNC = 0V
l
90
120
140
µA
µA
VIN1 + VCC Quiescent Current when
Active
VEN/UV1 = VEN/UV2 = 2V, VFB1 = VFB2 >0.8V, VVC1 = VVC2 = VCC, VSYNC = 3.4V l
5
7
mA
VIN Current in Regulation
VIN = 12V, VOUT = 3.3V, Output Load = 100µA, VVC1 = VVC2 = VCC, VSYNC = 0V
VIN = 12V, VOUT = 3.3V, Output Load = 1mA, VVC1 = VVC2 = VCC, VSYNC = 0V
45
350
75
550
µA
µA
Feedback Reference Voltage
l
0.794
0.790
0.800
0.800
0.806
0.810
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 36V
0.004
0.02
%/V
Feedback Pin Input Current
VFB = 0.8V
–20
20
nA
Minimum On-Time
ILOAD = 3A, SYNC ≥ 2V
l
40
60
ns
Oscillator Frequency
RT = 133k
RT = 35.7k
RT = 15k
l
l
l
270
0.94
1.85
300
1.0
2.00
330
1.06
2.15
kHz
MHz
MHz
Top Power NMOS Current Limit
13
15
17
A
Bottom Power NMOS Current Limit
7.5
10
13
A
SW Leakage Current
VIN = 42V, VSW = 0V,42V
–2
2
µA
EN/UV Pin Threshold
EN/UV Falling
l
0.7
0.74
0.78
V
EN/UV Pin Hysteresis
30
mV
EN/UV Pin Current
VEN/UV = 2V
–20
20
nA
PG Upper Threshold Offset from VFB VFB Falling
l
5.4
7.2
9
%
PG Lower Threshold Offset from VFB VFB Rising
l
–9.3
–7.5
–5.7
%
PG Hysteresis
0.3
%
PG Leakage
VPG = 12V
–40
40
nA
PG Pull-Down Resistance
VPG = 0.1V
l
600
1200
Ohm
SYNC Threshold
SYNC DC and Clock Low Level Voltage
SYNC Clock High Level Voltage
SYNC DC High Level Voltage
0.4
1.5
2.8
V
V
V
SYNC Pin Current
VSYNC = 6V
120
µA
SS Source Current
l
1.0
2.0
3.0
µA
SS Pull-Down Resistance
Fault Condition, SS = 0.1V
200
Ω
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com