Electronic Components Datasheet Search
  English  ▼

X  

LT8616 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8616
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8616 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8616 Datasheet HTML 17Page - Analog Devices LT8616 Datasheet HTML 18Page - Analog Devices LT8616 Datasheet HTML 19Page - Analog Devices LT8616 Datasheet HTML 20Page - Analog Devices LT8616 Datasheet HTML 21Page - Analog Devices LT8616 Datasheet HTML 22Page - Analog Devices LT8616 Datasheet HTML 23Page - Analog Devices LT8616 Datasheet HTML 24Page - Analog Devices LT8616 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LT8650SP
21
Rev. B
For more information www.analog.com
8650sp F03
OUTPUT
LT8650SP
CURRENT MODE
POWER STAGE
C1
CF
RC
VC
1.25M
CC
gm = 0.9mS
gm = 12S
CPL
R1
R2
0.8V
FB
APPLICATIONS INFORMATION
Frequency Compensation
The LT8650SP has VC pins which can be used to optimize
the loop compensation of each channel. If the VC pins are
shorted to VCC, then internal compensation is used. This
simplifies the circuit design and minimizes the quiescent
current, but since the internal compensation has to be
stable across the 300kHz to 3MHz range of switching
frequencies, the internal compensation will not be opti-
mal, especially at high switching frequencies. If the best
transient response is desired, an external compensation
network can be connected to the VC pin, which usually
consists of a series resistor and capacitor (see RC and CC
in the Block Diagram).
Designing the compensation network is a bit complicated
and the best values depend on the application and in par-
ticular the type of output capacitor. A practical approach
is to start with one of the circuits in the data sheet that
is similar to your application and tune the compensation
networktooptimizetheperformance.LTspice®simulations
can help in this process. Stability should then be checked
across all operating conditions, including load current,
input voltage, and temperature.
Figure 3 shows an equivalent circuit for the LT8650SP
control loop. The error amplifier is a transconductance
amplifier with finite output impedance. The power section,
consisting of the modulator, power switches, and inductor,
is modeled as a transconductance amplifier generating an
output current proportional to the voltage at the VC pin.
Note that the output capacitor integrates this current and
that the capacitor on the VC pin (CC) integrates the error
amplifier output current, resulting in two poles in the loop.
A zero is required and comes from a resistor RC in series
with CC. This simple model works well as long as the value
of the inductor is not too high and the loop crossover
frequency is much lower than the switching frequency. A
phase lead capacitor (CPL)acrossthefeedbackdividercan
be used to improve the transient response and is required
to cancel the parasitic pole caused by the feedback node
to ground capacitance.
Figure 4a shows the transient response for the front page
application which uses internal compensation. Figure 4b
shows the improved transient response of the same ap-
plication when a 14kΩ RC and 220pF CC compensation
network is used. Use of an external compensation network
increasesthequiescentcurrentbyabout50µAperchannel.
Figure 3. Model for Loop Response
Figure 4. Transient Response
(a)
(b)
20µs/DIV
VOUT
100mV/DIV
ILOAD
2A/DIV
2A TO 4A TRANSIENT
3.3VOUT
COUT = 47µF ×2
FCM, fSW = 2MHz
LT8650sp F04a
20µs/DIV
VOUT
100mV/DIV
ILOAD
2A/DIV
2A TO 4A TRANSIENT
3.3VOUT
COUT = 47µF ×2
FCM, fSW = 2MHz
CC = 220pF, RC = 14k
LT8650sp F04b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com