Electronic Components Datasheet Search
  English  ▼

X  

AD8240 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8240
Description  LED Driver/Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8240 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8240 Datasheet HTML 3Page - Analog Devices AD8240 Datasheet HTML 4Page - Analog Devices AD8240 Datasheet HTML 5Page - Analog Devices AD8240 Datasheet HTML 6Page - Analog Devices AD8240 Datasheet HTML 7Page - Analog Devices AD8240 Datasheet HTML 8Page - Analog Devices AD8240 Datasheet HTML 9Page - Analog Devices AD8240 Datasheet HTML 10Page - Analog Devices AD8240 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8240
Rev. 0 | Page 7 of 12
CONTROLLING THE LED LAMP
The LEDs are turned on and off depending on the CMOS
compatible digital voltage level present at the PWM pin (Pin 3).
This voltage can be continuous for a simple on/off function, or
PWM for dimming control. The PWM frequency should be less
than 500 Hz with a range from 5% to 100%. Typical values are
5% for running and 95% for braking.
USING/EVALUATING THE VSENSE OUTPUT
Important: The output impedance of VSENSE is approximately
10 kΩ. Because of this, it may be necessary to buffer the output
in order to drive a load of less than 100 kΩ. An oscilloscope,
micro-controller A/D converter, or DVM may be used to
accurately measure the voltage at the VSENSE pin.
The VSENSE output is used to detect a partial LED failure, or an
overcurrent condition. The voltage present at VSENSE is propor-
tional to the current through the load with the equation
ILOAD = (VSENSE/24)/RSHUNT
Selection of the shunt resistor can be found by manipulating this
equation.
For example
VSENSE = ILOAD
× RSHUNT
Expected Load
= 500 mA
RSHUNT
= 0.4 Ω
To determine if the load is correct, the voltage at VSENSE should
be as follows during full power operation:
500 mA × 0.4 Ω × 24 V/V = 4.8 V
If there is a partial LED failure, VSENSE drops in proportion to the
quantity of the failure. For example, if 25% of the LEDs fail, the
voltage drops by 25%.
If there is a short to ground, VSENSE is near 0 V because the
output is latched off and no current is flowing.
Using/Evaluating the Short-Circuit Protection Feature
If there is a short or an overload condition, the voltage at
VSENSE falls close to zero, and the output shuts down
(the transistor driver shuts off). This resets when the PWM
voltage is brought low and then high again. If the condition
persists, the AD8240 attempts to drive the output to 12 V and
then immediately shuts down. If a PWM voltage is used, the
AD8240 attempts to start after each PWM cycle.
This can be simulated by increasing the load so the voltage at
VSENSE slightly exceeds 5 V. When this happens, the output shuts
down, and the VSENSE voltage is close to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com