Electronic Components Datasheet Search
  English  ▼

X  

AD8240 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8240
Description  LED Driver/Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8240 Datasheet(HTML) 1 Page - Analog Devices

  AD8240 Datasheet HTML 1Page - Analog Devices AD8240 Datasheet HTML 2Page - Analog Devices AD8240 Datasheet HTML 3Page - Analog Devices AD8240 Datasheet HTML 4Page - Analog Devices AD8240 Datasheet HTML 5Page - Analog Devices AD8240 Datasheet HTML 6Page - Analog Devices AD8240 Datasheet HTML 7Page - Analog Devices AD8240 Datasheet HTML 8Page - Analog Devices AD8240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LED Driver/Monitor
AD8240
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
PWM input for LED brightness control
Open LED detection
Latch-off overcurrent protection
Constant voltage regulated output
Supply range: 9 V to 27 V
Regulated voltage range: 12.5 V to 27 V
Operating current: 300 µA
Shutdown current: 10 µA
Temperature range −40°C to +125°C
8-lead MSOP package
GENERAL DESCRIPTION
The AD8240 LED driver/monitor, in combination with an
external transistor, supplies a constant 12 V to drive LED
lamps. This allows cost-effective LED lamp monitoring and
short-circuit protection. The output is regulated at 12 V when
the supply voltage is between 12.5 V and 27 V.
A CMOS compatible, level-dependent, digital input can be used
for PWM control of the LED brightness. VO is turned on when
the PWM input is high and turned off when the input is low.
The AD8240 is designed to work with a PWM frequency up
to 500 Hz, and a typical PWM range from 5% to 95%.
Open LED detection is accomplished by measuring the change
in LED lamp current caused by an open LED(s) through the use
of an internal high-side current-sense amplifier that amplifies
the voltage across an external current shunt. The voltage across
the shunt resistor is amplified to a level that can be measured by
a microcontroller A/D converter or a comparator. The ability to
measure the change in LED lamp current is the key benefit of
constant-voltage LED lamp driving.
The output is current-limited by latching off the output voltage
when the current reaches a preset level. The current limit is set
by selecting the value of the external current shunt that causes
the output of the sense amplifier to slightly exceed the 5 V
reference level when the current exceeds a maximum level.
When the sense amplifier output exceeds 5 V, it trips an internal
comparator that causes the driver to latch off the output voltage.
The latch is reset during the next PWM cycle. The overcurrent
condition can also be detected by a microcontroller or external
comparator by measuring the sense amplifier output.
FUNCTIONAL BLOCK DIAGRAM
R1
350k
Ω
R2
250k
Ω
LATCH-OFF
DRIVER
RSENSE
10k
Ω
GND
1
2
3
4
5
7
6
8
VO
VSENSE
5V
REFERENCE
PWM
VPLUS SHUNT
AD8240
BASE
Figure 1.
PRODUCT HIGHLIGHTS
1.
Partial LED lamp failure detection.
Allows for compliance with automotive regulations
for turn signal functionality detection and minimum
brightness, as well as running/brake light minimum
brightness compliance.
2.
Current limiting/latch-off protection.
Limiting and latching off the LED current protects vehicle
wiring and prevents lamp damage
3.
PWM input.
Provides brightness control.
4.
Constant voltage output.
Saves cost by minimizing wiring and system design
complexity.
5.
Drives an external transistor for low power operation.
Providing for an external power transistor allows the
AD8240 to be a low cost solution in a small package. A
more efficient design is made possible when the system
designer can select a power device with specifications
that match the application requirements.
6.
Linear regulation.
Minimizes EMI, which allows faster system integration,
qualification, and time to market. Additionally, costs are
reduced by eliminating the inductor required for a
switching design. Because of the power-saving nature of
LED lamps as compared to incandescent lamps, a
switching driver is typically not required.


Similar Part No. - AD8240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
LED Driver/Monitor
REV. 0
More results

Similar Description - AD8240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
LED Driver/Monitor
REV. 0
logo
Linear Technology
LT3796 LINER-LT3796 Datasheet
331Kb / 8P
100V LED Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com