Electronic Components Datasheet Search
  English  ▼

X  

AD8240 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8240
Description  LED Driver/Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8240 Datasheet(HTML) 3 Page - Analog Devices

  AD8240 Datasheet HTML 1Page - Analog Devices AD8240 Datasheet HTML 2Page - Analog Devices AD8240 Datasheet HTML 3Page - Analog Devices AD8240 Datasheet HTML 4Page - Analog Devices AD8240 Datasheet HTML 5Page - Analog Devices AD8240 Datasheet HTML 6Page - Analog Devices AD8240 Datasheet HTML 7Page - Analog Devices AD8240 Datasheet HTML 8Page - Analog Devices AD8240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD8240
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = operating temperature range, VPLUS = 13.5 V, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
VO
5 V Reference = 5 V
12
V
VO Regulation1 at 25°C
VPLUS = 13 V to 27 V
−3
±1
+3
%
VO Regulation2 -40°C to 125°C
VPLUS = 13 V to 27 V
−6
±2
+6
%
IOUT3
RSHUNT = 0.4 Ω
500
mA
VO Rise Time
IOUT = 250 mA, CM = 22 nF, CL = 47 nF
12
µs
VSENSE Gain
24
VSENSE Accuracy
−7
±3
+7
%
VSENSE Output Impedance
8
10
12
kΩ
Base Drive
15
mA
PWM Turn-On Threshold
3.5
V
PWM Turn-Off Threshold
1.4
V
VSENSE Latch-Off Threshold4
0
0.1
0.3
V
Latch-Off Delay5
2
µs
PWM Frequency Range
DC
500
Hz
CM
22
nF
CLOAD Range
CL = 47 nF
−30
+30
%
Operating Current6
VPLUS > 13 V
360
µA
VPLUS Operating Range
9
27
V
Shutdown Current
PWM low
10
µA
5 V Reference Current
160
200
240
µA
Operating Temperature Range
−40
+125
°C
1 VO = 12/5 of the applied reference voltage ±1% typical. Minimum VPLUS voltage for regulation depends on the external transistor Vbe and the shunt voltage.
2 VO = 12/5 of the applied reference voltage ±2% typical. Minimum VPLUS voltage for regulation depends on the external transistor Vbe and the shunt voltage.
3 The maximum output current level is set by the selection of the current shunt and power transistor.
4 (VSENSE – 5 V Reference) The latch-off level is determined by the output level of the sense amplifier. When the amplifier output approaches 5 V, the output is latched off.
This allows the maximum current output level to be determined by the shunt resistor value. Latch-off can be restored to on by cycling the PWM input off and back on.
5 Internal delay only. The external delay depends on the external capacitor values, LED string impedance, and wiring inductance.
6 This specifies VPLUS only—ground current includes external transistor base drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com