Electronic Components Datasheet Search
  English  ▼

X  

M75178P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M75178P
Description  RS-485 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M75178P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M75178P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
MITSUBISHI
〈DIGITAL ASSP〉
M75176P, M75177P
M75178P, M75179P
RS-485 TRANSCEIVER
SWITCHING CHARACTERISTICS (Driver) (VCC = 5V, Ta=25
°C)
Parameter
Differential output delay time
Differential output transition time
Output “L - H” propagation delay time
Output “H - L” propagation delay time
“H” enable time
“L” enable time
“H” disable time
“L” disable time
Symbol
tDD
tTD
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
Max.
25
25
25
25
35
35
25
35
Typ.
13
11
15
12
23
16
11
22
Min.
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Limits
Test conditions
RL=54
Ω
CL=50pF
RL=27
Ω
CL=50pF
RL=110
Ω
CL=50pF
ELECTRICAL CHARACTERISTICS (Receiver) (VCC = 5V
± 5%, Ta = –20 ~ 75°C, unless otherwise noted)
Parameter
High threshold voltage
Low threshold voltage
Hysteresis width (Note 4)
Enable input clamp voltage
“H” output voltage
“L” output voltage
Off-state output current
Line input current
“H” enable input current
“L” enable input current
Input resistance
Output short-circuit current
Supply voltage
Symbol
VTH
VTL
VT+ - VT–
VIK
VOH
VOL
IOZ
II
IIH
IIL
ri
IOS
ICC
Max.
0.2
–1.5
0.45
0.5
±20
–400
20
1
–0.8
20
–100
–400
–85
48
48
Typ.*
50
3.6
0.23
0.30
Min.
–0.2
2.7
12
–15
Unit
V
V
mV
V
V
V
mA
mA
mA
mA
k
Ω
mA
mA
Limits
Test conditions
VO=2.7V, IO=–0.4mA
VO=0.5V, IO=16mA
II=–18mA
VID=0.2V, IOH=–0.4mA
VID=–0.2V
VO=0.4 ~ 2.4V
VO=0.4V
VO=2.4V
Other input 0V
VIH=2.7V
VIL=0.4V
VO=0V
No output load
See Fig. 2.
See Fig. 3.
See Figs. 4 & 5.
IOL=8mA
IOL=16mA
VO=12V
VO=–7V
Output enable
Output disable
75176
75177/178
75176/177/178
75176
75177/178
*: The standard value is given on the condition of VCC = 5V and Ta = 25
°C.
Note 4: The hysteresis width is the difference between positive threshold voltage VT+ and negative threshold voltage VT–.
SWITCHING CHARACTERISTICS (Receiver) (VCC = 5V, Ta=25
°C)
Parameter
Output “L - H” propagation delay time
Output “H - L” propagation delay time
“H” enable time
“L” enable time
“H” disable time
“L” disable time
Symbol
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
Max.
35
35
20
20
35
35
Typ.
22
19
9
11
17
22
Min.
Unit
ns
ns
ns
ns
ns
ns
Limits
Test conditions
CL=15pF
CL=15pF
CL=15pF
See Fig. 6.
See Fig. 7.
See Fig. 7.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com