Electronic Components Datasheet Search
  English  ▼

X  

M75178P Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M75178P
Description  RS-485 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M75178P Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  M75178P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
MITSUBISHI
〈DIGITAL ASSP〉
M75176P, M75177P
M75178P, M75179P
RS-485 TRANSCEIVER
0
1
2
3
4
5
–160
–80
0
80
160
INPUT VOLTAGE VID (mV)
RECEIVER
I/O TRANSMISSION CHARACTERISTIC (A
→R)
VCC=5V
IO=0mA
Ta=25°C
VIC=0V
VIC=–7V
VIC=12V
0
20406080
0
2
4
6
OUTPUT “H-L” PROPAGATION DELAY TIME tPHL (ns)
SWITCHING CHARACTERISTIC
A input
voltage
waveform
VCC=5V
B=1.5V
Ta=25°C
R output voltage waveform
–1.6
–0.8
0
0.8
1.6
2.4
–20
–10
0
10
20
INPUT VOLTAGE VI (V)
INPUT CURRENT - INPUT VOLTAGE CHARACTERISTIC (A)
B=0V
Ta=25°C
VCC=0V
VCC=5V
0
20406080
0
2
4
6
OUTPUT “L-H” PROPAGATION DELAY TIME tPLH (ns)
SWITCHING CHARACTERISTIC
R output voltage waveform
A input
voltage
waveform
VCC=5V
B=1.5V
Ta=25°C
0
0.1
0.2
0.3
0.4
0.5
0
4
8
12
16
20
“L” OUTPUT CURRENT IOL (mA)
“L” OUTPUT VOLTAGE - “L” OUTPUT CURRENT CHARACTERISTIC
VID=–0.2V
Ta=25°C
VCC=4.75V
5V
5.75V
0
1
2
3
4
5
0
–20
–40
–60
–80
–100
“H” OUTPUT CURRENT IOH (mA)
“H” OUTPUT VOLTAGE - “H” OUTPUT CURRENT CHARACTERISTIC
VID=0.2V
Ta=25°C
VCC=5.25V
VCC=5V
VCC=4.75V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com