Electronic Components Datasheet Search
  English  ▼

X  

M75178P Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M75178P
Description  RS-485 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M75178P Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M75178P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
MITSUBISHI
〈DIGITAL ASSP〉
M75176P, M75177P
M75178P, M75179P
RS-485 TRANSCEIVER
Receiver propagation delay time
P.G.
(Note 7)
Input
1.5V
50
Ω
0V
M75177P is 3V
Test circuit
CL
(Note 8)
Output
P.G.
(Note 7)
Input
1.5V
5V
50
Ω
Test circuit
5k
Ω
2k
Ω
S2
S1
S3
CL
(Note 8)
Output
–1.5V
Input
3V
VOH
VOL
0V
1.5V
1.3V
tPLH
tPHL
1.5V
Output
1.3V
I/O waveform
VOH
(M75177P)
(M75176/178P)
3V
0V
0V
1.5V
1.5V
tPZH
1.5V
Output
S1 1.5V side
S2 open
S3 closed
Input
S1 1.5V side
S2 closed
S3 open
3V
0V
VOL
1.5V
1.5V
tPZL
1.5V
4.5V
(M75177P)
(M75176/178P)
Output
Input
S1 1.5V side
S2 closed
S3 closed
VOH
3V
0V
1.3V
1.5V
1.5V
tPHZ
0.5V
(M75177P)
(M75176/178P)
Output
Input
S1 1.5V side
S2 closed
S3 closed
VOL
3V
0V
1.5V
1.5V
tPLZ
0.5V
1.3V
(M75177P)
(M75176/178P)
Output
Input
Note 7: The pulse generator is PRR
≤ 1MHz, duty ratio = 50%, tr ≤ 6ns, tf ≤ 6ns, ZOUT = 50Ω.
8: CL includes jigs and probe capacitance.
Receiver enable/disable time
Fig. 6
Fig. 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com