Electronic Components Datasheet Search
  English  ▼

X  

PTH04T231WAST Datasheet(PDF) 4 Page - Texas Instruments

Part # PTH04T231WAST
Description  6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T231WAST Datasheet(HTML) 4 Page - Texas Instruments

  PTH04T231WAST Datasheet HTML 1Page - Texas Instruments PTH04T231WAST Datasheet HTML 2Page - Texas Instruments PTH04T231WAST Datasheet HTML 3Page - Texas Instruments PTH04T231WAST Datasheet HTML 4Page - Texas Instruments PTH04T231WAST Datasheet HTML 5Page - Texas Instruments PTH04T231WAST Datasheet HTML 6Page - Texas Instruments PTH04T231WAST Datasheet HTML 7Page - Texas Instruments PTH04T231WAST Datasheet HTML 8Page - Texas Instruments PTH04T231WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH04T230W, PTH04T231W
SLTS271A – SEPTEMBER 2006 – REVISED OCTOBER 2006
PTH04T230W
T
A =25°C, VI = 5 V, VO = 3.3 V, CI = 330 µF, CO1 = 100 µF ceramic, CO2 = 150 µF non-ceramic, and IO = IO max (unless
otherwise stated)
PARAMETER
TEST CONDITIONS
PTH04T230W
UNIT
MIN
TYP
MAX
IO
Output current
Over VO range
25
°C, natural convection
0
6
A
0.69
≤ V
O≤ 1.7
2.2
5.5
VI
Input voltage range
Over IO range
V
1.7 < VO≤ 3.6
VO+0.5(1)
5.5
Output adjust range
Over IO range
0.69
3.6
V
Set-point voltage tolerance
±0.5
±1.0 (2)
%Vo
Temperature variation
–40
°C < T
A < 85°C
±0.3
%Vo
VO
Line regulaltion
Over VI range
±2
mV
Load regulation
Over IO range
±2
mV
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A ≤ 85°C
±1.5 (2)
%VO
RSET = 1.21 kΩ, VO = 3.3 V
94%
RSET = 2.38 kΩ, VO = 2.5 V
92%
RSET = 4.78 kΩ, VO = 1.8 V
90%
η
Efficiency
IO = 6 A
RSET = 7.09 kΩ, VO = 1.5 V
89%
RSET = 12.1 kΩ, VO = 1.2 V
87%
RSET = 20.8 kΩ, VO = 1.0 V
85%
RSET = 689 kΩ, VO = 0.7 V
81%
VO Ripple (peak-to-peak)
20-MHz bandwidth
1
%VO
ILIM
Overcurrent threshold
Reset, followed by auto-recovery
10
A
w/o TurboTrans
Recovery Time
100
µSec
CO1 = 100 µF, ceramic
CO2 = 150 µF,
VO Overshoot
100
mV
non-ceramic
2.5 A/µs load step
w/o TurboTrans (3)
Recovery Time
120
µSec
50% to 100% IOmax
Transient response
CO1 = 100 µF, ceramic
VI = 3.3 V
VO Overshoot
60
mV
CO2 = 990 µF, Type B
VO = 2.5 V
with TurboTrans
Recovery Time
180
µSec
CO1 = 100 µF, ceramic
CO2 = 990 µF, Type B
VO Overshoot
35
mV
RTT = 1.54 kΩ
IIL
Track input current (pin 9)
Pin to GND
-130 (4)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1
V/ms
VI increasing, RUVLO = OPEN
1.95
2.19
Adjustable Under-voltage lockout
UVLOADJ
VI decreasing, RUVLO = OPEN
1.3
1.5
V
(pin 10)
Hysteresis, RUVLO≤ 52.3 kΩ
0.5
Input high voltage (VIH)
Open(5)
V
Inhibit control (pin 10)
Input low voltage (VIL)
-0.2
0.6
Input low current (IIL), Pin 10 to GND
125
µA
Iin
Input standby current
Inhibit (pin 10) to GND, Track (pin 9) open
5
mA
f s
Switching frequency
Over VI and IO ranges, SmartSync (pin 1) to GND
300
kHz
fSYNC
Synchronization (SYNC) frequency
240
400
kHz
VSYNCH
SYNC High-Level Input Voltage
2
5.5
V
VSYNCL
SYNC Low-Level Input Voltage
0.8
V
tSYNC
SYNC Minimum Pulse Width
200
nSec
(1)
The minimum input voltage is 2.2 V or (VO + 0.5) V, whichever is greater.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 200 ppm/°C or better temperature stability.
(3)
Without TurboTrans, the minimum ESR limit of 7 m
Ω must not be violated.
(4)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control pin 9. The
open-circuit voltage is less than VI.
(5)
This control pin has an internal pull-up. Do not place an external pull-up on this pin. If it is left open-circuit, the module operates when
input power is applied. A small, low-leakage (<100 nA) MOSFET is recommended for control. The open-circuit voltage is less than 3.5
Vdc. For additional information, see the related application information section.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com