Electronic Components Datasheet Search
  English  ▼

X  

PTH04T231WAST Datasheet(PDF) 5 Page - Texas Instruments

Part # PTH04T231WAST
Description  6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T231WAST Datasheet(HTML) 5 Page - Texas Instruments

  PTH04T231WAST Datasheet HTML 1Page - Texas Instruments PTH04T231WAST Datasheet HTML 2Page - Texas Instruments PTH04T231WAST Datasheet HTML 3Page - Texas Instruments PTH04T231WAST Datasheet HTML 4Page - Texas Instruments PTH04T231WAST Datasheet HTML 5Page - Texas Instruments PTH04T231WAST Datasheet HTML 6Page - Texas Instruments PTH04T231WAST Datasheet HTML 7Page - Texas Instruments PTH04T231WAST Datasheet HTML 8Page - Texas Instruments PTH04T231WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
PTH04T230W, PTH04T231W
SLTS271A – SEPTEMBER 2006 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
PTH04T230W
T
A =25°C, VI = 5 V, VO = 3.3 V, CI = 330 µF, CO1 = 100 µF ceramic, CO2 = 150 µF non-ceramic, and IO = IO max (unless
otherwise stated)
PARAMETER
TEST CONDITIONS
PTH04T230W
UNIT
MIN
TYP
MAX
CI
External input capacitance
330 (6)
µF
Nonceramic
150 (7)
5000 (8)
Capacitance value
µF
without
Ceramic
100 (7)
500
TurboTrans
Equivalent series resistance (non-ceramic)
7
m
Ω
CO
External output capacitance
see table
5,000
Capacitance value
µF
with
(9)
(10)
Turbotrans
Capacitance
× ESR product (C
O× ESR)
1000
10,000
µF×mΩ
Per Telcordia SR-332, 50% stress,
MTBF
Reliability
5.3
106 Hr
TA = 40°C, ground benign
(6)
A 330 µF input capacitor is required for proper operation. The capacitor must be rated for a minimum of 400 mA rms of ripple current.
An additional 22-
µF ceramic input capacitor is recommended to reduce rms ripple current.
(7)
100 µF ceramic and 150 µF non-ceramic external output capacitance is required for basic operation. The minimum output capacitance
requirement increases when TurboTrans™ (TT) technology is used. See the Application Information for more guidance.
(8)
This is the calculated maximum disregarding TurboTrans™ technology. When the TurboTrans feature is used, the minimum output
capacitance must be increased. See the TurboTrans application notes for further guidance.
(9)
When using TurboTrans™ technology, a minimum value of output capacitance is required for proper operation. Additionally, low ESR
capacitors are required for proper operation. See the TurboTrans application notes for further guidance.
(10) This is the calaculated maximum when using the TurboTrans feature. Additionally, low ESR capacitors are required for proper operation.
See the TurboTrans application notes for further guidance.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com