Electronic Components Datasheet Search
  English  ▼

X  

PTH04T231WAST Datasheet(PDF) 21 Page - Texas Instruments

Part # PTH04T231WAST
Description  6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T231WAST Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH04T231WAST Datasheet HTML 17Page - Texas Instruments PTH04T231WAST Datasheet HTML 18Page - Texas Instruments PTH04T231WAST Datasheet HTML 19Page - Texas Instruments PTH04T231WAST Datasheet HTML 20Page - Texas Instruments PTH04T231WAST Datasheet HTML 21Page - Texas Instruments PTH04T231WAST Datasheet HTML 22Page - Texas Instruments PTH04T231WAST Datasheet HTML 23Page - Texas Instruments PTH04T231WAST Datasheet HTML 24Page - Texas Instruments PTH04T231WAST Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
www.ti.com
UDG−06047
PTH04T230W
7
AutoTrack
VoAdj
TT
3
GND
GND
+Sense
L
O
A
D
−Sense
GND
+
INH/UVLO
+Sense
SYNC
RTT
0 k
Ω
(Note A)
RSET
1%
0.05 W
CO1
200
µF
Ceramic
CI
330
µF
(Required)
CO2
1320
µF
Type B
VI
VO
VO
VI
TurboTransE
T − Time − 200
µs/div
PTH04T230
CO = 1520 µF
Without TurboTrans
™
50 mV/div
With TurboTrans
™
50 mV/div
50% Load Step
2.5 A/
µs
PTH04T230W, PTH04T231W
SLTS271A – SEPTEMBER 2006 – REVISED OCTOBER 2006
A.
The value of RTT must be calculated using the total value of output capacitance.
Figure 16. Typical TurboTrans™ Schematic
Figure 17. Typical TurboTrans Waveforms
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com