Electronic Components Datasheet Search
  English  ▼

X  

AD5532ABC-3 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5532ABC-3
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-3 Datasheet(HTML) 5 Page - Analog Devices

  AD5532ABC-3 Datasheet HTML 1Page - Analog Devices AD5532ABC-3 Datasheet HTML 2Page - Analog Devices AD5532ABC-3 Datasheet HTML 3Page - Analog Devices AD5532ABC-3 Datasheet HTML 4Page - Analog Devices AD5532ABC-3 Datasheet HTML 5Page - Analog Devices AD5532ABC-3 Datasheet HTML 6Page - Analog Devices AD5532ABC-3 Datasheet HTML 7Page - Analog Devices AD5532ABC-3 Datasheet HTML 8Page - Analog Devices AD5532ABC-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
AD5532B
–5–
SERIAL INTERFACE TIMING DIAGRAMS
12
3
4
5
67
8
9
10
t1
t2
t3
t4
t5
t6
MSB
LSB
SCLK
SYNC
DIN
Figure 3. 10-Bit Write (ISHA Mode and Both Readback Modes)
1
23
45
t1
t2
t3
t4
LSB
t5
t6
21
22
23
24
MSB
SCLK
SYNC
DIN
t11
1
Figure 4. 24-Bit Write (DAC Mode)
2
13
4
5
6
7
8
9
10
11
12
13
14
MSB
LSB
SCLK
SYNC
DOUT
10
t
12
t
10
t
1
t
2
t
4
t
8
t
9
t
7
Figure 5. 14-Bit Read (Both Readback Modes)
PARALLEL INTERFACE TIMING DIAGRAM
CS
WR
A4–A0, CAL,
OFFS SEL
Figure 1. Parallel Write (ISHA Mode Only)
IOL
200 A
IOH
200 A
CL
50pF
TO
OUTPUT
PIN
1.6V
Figure 2. Load Circuit for DOUT Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com