Electronic Components Datasheet Search
  English  ▼

X  

AD5532ABC-3 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5532ABC-3
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-3 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5532ABC-3 Datasheet HTML 8Page - Analog Devices AD5532ABC-3 Datasheet HTML 9Page - Analog Devices AD5532ABC-3 Datasheet HTML 10Page - Analog Devices AD5532ABC-3 Datasheet HTML 11Page - Analog Devices AD5532ABC-3 Datasheet HTML 12Page - Analog Devices AD5532ABC-3 Datasheet HTML 13Page - Analog Devices AD5532ABC-3 Datasheet HTML 14Page - Analog Devices AD5532ABC-3 Datasheet HTML 15Page - Analog Devices AD5532ABC-3 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. A
AD5532B
–15–
APPLICATION CIRCUITS
AD5532B in a Typical ATE System
The AD5532B is ideally suited for use in automatic test
equipment. Several DACs are required to control pin drivers,
comparators, active loads, and signal timing. Traditionally,
sample-and-hold devices were used in these applications.
The AD5532B has several advantages: no refreshing is required,
there is no droop, pedestal error is eliminated, and there is no
need for extra filtering to remove glitches. Overall a higher level
of integration is achieved in a smaller area (see Figure 15).
DACs
ACTIVE
LOAD
DRIVER
COMPARATOR
FORMATTER
COMPARE
REGISTER
STORED
DATA
AND INHIBIT
PATTERN
PERIOD
GENERATION
AND
DELAY
TIMING
SYSTEM BUS
DAC
PARAMETRIC
MEASUREMENT
UNIT
SYSTEM BUS
DUT
DAC
DAC
DAC
DAC
DAC
DAC
Figure 15. AD5532B in an ATE System
Typical Application Circuit (DAC Mode)
The AD5532B can be used in many optical networking applications
that require a large number of DACs to perform control and
measurement functions. In the example shown in Figure 16, the
outputs of the AD5532B are amplified and used to control actuators
that determine the position of MEMS mirrors in an optical switch.
The exact position of each mirror is measured using sensors. The
sensor readings are muxed using four dual 4-channel matrix switches
(ADG739) and fed back to an 8-channel 14-bit ADC (AD7856).
The control loop is driven by an ADSP-2191M, a 16-bit fixed-
point DSP with three SPORT interfaces and two SPI ports. The
DSP uses some of these serial ports to write data to the DAC,
control the multiplexer, and read back data from the ADC.
ADSP-2191M
AD5532B
MEMS
MIRROR
ARRAY
ADG739
4
AD7856
1
32
S
E
N
S
O
R
AD8544
2
1
32
1
8
Figure 16. Typical Optical Control and
Measurement Application Circuit
Typical Application Circuit (ISHA Mode)
The AD5532B can be used to set up voltage levels on 32 channels
as shown in the circuit below. An AD780 provides the 3 V refer-
ence for the AD5532B, and for the AD5541 16-bit DAC. A simple
3-wire serial interface is used to write to the AD5541. Because
the AD5541 has an output resistance of 6.25 kW (typ), the time
taken to charge/discharge the capacitance at the VIN pin is signifi-
cant. Thus an AD820 is used to buffer the DAC output. Note
that it is important to minimize noise on VIN and REFIN when
laying out this circuit.
AD5532B*
OFFS_IN
OFFS_OUT
REFIN
VIN
SCLK
DIN
SYNC
AVCC DVCC VSS
VDD
VOUT 0–31
AD820
CS
DIN
SCLK
*ADDITIONAL PINS OMITTED FOR CLARITY
AD780*
VOUT
AD5541*
REF
AVCC
Figure 17. Typical Application Circuit (ISHA Mode)
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure the
rated performance. The printed circuit board on which the
AD5532B is mounted should be designed so that the analog and
digital sections are separated, and confined to certain areas of the
board. If the AD5532B is in a system where multiple devices require
an AGND-to-DGND connection, the connection should be made
at one point only. The star ground point should be established
as close as possible to the device. For supplies with multiple pins
(VSS, VDD, AVCC), it is recommended to tie those pins together.
The AD5532B should have ample supply bypassing of 10
µF in
parallel with 0.1
µF on each supply located as close to the package
as possible, ideally right up against the device. The 10
µF capacitors
are the tantalum bead type. The 0.1
µF capacitor should have
low effective series resistance (ESR) and effective series induc-
tance (ESI), like the common ceramic types that provide a low
impedance path to ground at high frequencies, to handle transient
currents due to internal logic switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com