Electronic Components Datasheet Search
  English  ▼

X  

SP8130 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8130
Description  High Speed Differential APC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8130 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8130 Datasheet HTML 1Page - Sipex Corporation SP8130 Datasheet HTML 2Page - Sipex Corporation SP8130 Datasheet HTML 3Page - Sipex Corporation SP8130 Datasheet HTML 4Page - Sipex Corporation SP8130 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev 0.8 09/25/06.
SP8130 High Speed Differential APC Amplifier
2006 Sipex Corporation
`````````
page
3 of 5
ELECTRICAL/OPTICAL SPECIFICATIONS
Unless otherwise noted: Vcc = 5V, output load: RL = 1kΏ, CL = 20pF, gain 0 dB, ambient temperature -20C ≤TA ≤ +85
oC
Unless otherwise noted, electrical specifications apply to all gain modes.
Parameter
Condition
Min.
Typ.
Max
Unit
TA = 25
oC, no signal
15
Supply Current
-20 ≤TA ≤ +85
oC, no signal
20
mA
Output Common Mode Voltage
No signal
Vcc/2.2
Vcc/2
Vcc/1.8
V
Gain = 0dB, no signal
-10
10
Output Offset Voltage
Gain = +6dB, no signal
-15
15
mV
Gain = 0dB, no signal
-30
30
Output Offset Voltage Drift
Gain = + 6dB, no signal
-45
45
µ
V/
oC
Power Supply Rejection Ratio
(PSRR) *
Gain = 0dB, 4.5V ≤ Vcc ≤ 5.5V
-55
-80
dB
Logic level low
0.8
Gain Switch Input Voltage
Logic level high
2
V
Output Sensitivity
Gain = 0dB
5700
V/W
Input Optical Power required to
produce a 2V differential output
swing
0.28mm laser beam diameter,
uniform density, Gain = 0dB
350
µ
W
Photo Detector Active Area
0.25
mm
2
Output Sensitivity Change vs. Vcc
All gains
1
4
%/V
Output Sensitivity Change vs.
Temperature
All gains
0.05
0.1
%/
oC
Gain = 0dB
1.6
2
Output Noise, BW= 100MHz
Gain = +6dB
2.6
5
mV
rms
Output Slew Rate
400
600
V/µs
Gain = -6dB, 2Vpp step, f=10MHz
6.2
7
Gain = -0dB, 2Vpp step, f=10MHz
7.0
8
Output Setting Time to 2% of final
value
Gain = +6dB, 2Vpp step, f=10MHz
7.1
9
ns
Full Scale Output Voltage Swing
2
V p-p
Output Overshoot
All gains
0.5
2
%
Gain = -6dB, -3dB level
160
Gain = 0dB, -3dB level
140
MHz
Bandwidth
Gain = +6dB, -3dB level
120
Gain Adjust Range
-6
+8
dB
*) PSRR = 20log (∆Vcc/∆VOUT)
**) Gain Linearity = (Gain2 – Gain 1)/Gain 1, where Gain = VOUT/Pin. This test is done with current injection at the wafer level.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com