Electronic Components Datasheet Search
  English  ▼

X  

SP8130 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP8130
Description  High Speed Differential APC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8130 Datasheet(HTML) 5 Page - Sipex Corporation

  SP8130 Datasheet HTML 1Page - Sipex Corporation SP8130 Datasheet HTML 2Page - Sipex Corporation SP8130 Datasheet HTML 3Page - Sipex Corporation SP8130 Datasheet HTML 4Page - Sipex Corporation SP8130 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev 0.8 09/25/06.
SP8130 High Speed Differential APC Amplifier
2006 Sipex Corporation
`````````
page
5 of 5
PHOTO DETECTOR PATTERN
Tolerance of PD position:
X, Y: +/- 0.20mm
Angle: 0°+/- 1°
Die tilt: 0°+/- 2°
ORDERING INFORMATION
Part Number
Temperature range
Package Type
SP8130DG4
-20C + 85
0C
8-pin OPLGA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com